Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ256DA206 Datasheet(PDF) 53 Page - Microchip Technology

Part # PIC24FJ256DA206
Description  64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256DA206 Datasheet(HTML) 53 Page - Microchip Technology

Back Button PIC24FJ256DA206 Datasheet HTML 49Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 50Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 51Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 52Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 53Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 54Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 55Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 56Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 408 page
background image
IPC16
00C4
—
CRCIP2
CRCIP1
CRCIP0
—
U2ERIP2
U2ERIP1
U2ERIP0
—
U1ERIP2
U1ERIP1
U1ERIP0
—
—
—
—
4440
IPC18
00C8
—
—
—
—
—
—
—
—
—
—
—
—
—
LVDIP2
LVDIP1
LVDIP0
0004
IPC19
00CA
—
—
—
—
—
—
—
—
—
CTMUIP2
CTMUIP1
CTMUIP0
—
—
—
—
0040
IPC20
00CC
—
U3TXIP2
U3TXIP1
U3TXIP0
—
U3RXIP2
U3RXIP1
U3RXIP0
—
U3ERIP2
U3ERIP1
U3ERIP0
—
—
—
—
4440
IPC21
00CE
—
U4ERIP2
U4ERIP1
U4ERIP0
—
USB1IP2
USB1IP1
USB1IP0
—
MI2C3IP2
MI2C3IP1
MI2C3IP0
—
SI2C3IP2
SI2C3IP1
SI2C3IP0
4444
IPC22
00D0
—
SPI3IP2
SPI3IP1
SPI3IP0
—
SPF3IP2
SPF3IP1
SPF3IP0
—
U4TXIP2
U4TXIP1
U4TXIP0
—
U4RXIP2
U4RXIP1
U4RXIP0
4444
IPC23
00D2
—
—
—
—
—
—
—
—
—
IC9IP2
IC9IP1
IC9IP0
—
OC9IP2
OC9IP1
OC9IP0
0044
IPC25
00D6
—
—
—
—
—
—
—
—
—
—
—
—
—
GFX1IP2
GFX1IP1
GFX1IP0
0004
INTTREG
00E0
CPUIRQ
—VHOLD
—
ILR3
ILR2
ILR1
ILR0
—
VECNUM6
VECNUM5
VECNUM4
VECNUM3
VECNUM2 VECNUM1 VECNUM0
0000
TABLE 4-6:
INTERRUPT CONTROLLER REGISTER MAP (CONTINUED)
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note
1:
Unimplemented in 64-pin devices, read as ‘0’.
2:
The Reset value in 64-pin devices are ‘0004’.
TABLE 4-7:
TIMER REGISTER MAP
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
TMR1
0100
Timer1 Register
0000
PR1
0102
Timer1 Period Register
FFFF
T1CON
0104
TON
—TSIDL
—
—
—
—
—
—
TGATE
TCKPS1
TCKPS0
—
TSYNC
TCS
—
0000
TMR2
0106
Timer2 Register
0000
TMR3HLD
0108
Timer3 Holding Register (for 32-bit timer operations only)
0000
TMR3
010A
Timer3 Register
0000
PR2
010C
Timer2 Period Register
FFFF
PR3
010E
Timer3 Period Register
FFFF
T2CON
0110
TON
—TSIDL
—
—
—
—
—
—
TGATE
TCKPS1
TCKPS0
T32
—TCS
—
0000
T3CON
0112
TON
—TSIDL
—
—
—
—
—
—
TGATE
TCKPS1
TCKPS0
—
—TCS
—
0000
TMR4
0114
Timer4 Register
0000
TMR5HLD
0116
Timer5 Holding Register (for 32-bit operations only)
0000
TMR5
0118
Timer5 Register
0000
PR4
011A
Timer4 Period Register
FFFF
PR5
011C
Timer5 Period Register
FFFF
T4CON
011E
TON
—TSIDL
—
—
—
—
—
—
TGATE
TCKPS1
TCKPS0
T45
—TCS
—
0000
T5CON
0120
TON
—TSIDL
—
—
—
—
—
—
TGATE
TCKPS1
TCKPS0
—
—TCS
—
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com