Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ256DA206 Datasheet(PDF) 24 Page - Microchip Technology

Part # PIC24FJ256DA206
Description  64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256DA206 Datasheet(HTML) 24 Page - Microchip Technology

Back Button PIC24FJ256DA206 Datasheet HTML 20Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 21Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 22Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 23Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 24Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 25Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 26Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 27Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 408 page
background image
PIC24FJ256DA210 FAMILY
DS39969B-page 24
 2010 Microchip Technology Inc.
CN81
—
95
C4
I
ST
Interrupt-on-Change Inputs.
CN82
—
1
B2
I
ST
CN83
37
57
H10
I
ST
CN84
36
56
J11
I
ST
CTEDG1
28
42
L7
I
ANA
CTMU External Edge Input 1.
CTEDG2
27
41
J7
I
ANA
CTMU External Edge Input 2.
CTPLS
29
43
K7
O
—
CTMU Pulse Output.
CVREF
23
34
L5
O
—
Comparator Voltage Reference Output.
D+
37
57
H10
I/O
—
USB Differential Plus Line (internal transceiver).
D-
36
56
J11
I/O
—
USB Differential Minus Line (internal transceiver).
DMH
46
72
D9
O
—
D- External Pull-up Control Output.
DMLN
42
68
E9
O
—
D- External Pull-down Control Output.
DPH
50
77
A10
O
—
D+ External Pull-up Control Output.
DPLN
43
69
E10
O
—
D+ External Pull-down Control Output.
ENVREG
57
86
J7
I
ST
Voltage Regulator Enable.
GCLK
52
1
B2
O
—
Graphics Display Pixel Clock.
GD0
60
6
D1
O
—
Graphics Controller Data Output.
GD1
61
8
E2
O
—
GD2
62
39
L6
O
—
GD3
63
52
K11
O
—
GD4
31
21
H2
O
—
GD5
32
22
J1
O
—
GD6
44
23
J2
O
—
GD7
45
76
A11
O
—
GD8
43
7
E4
O
—
GD9
49
53
J10
O
—
GD10
58
69
E10
O
—
GD11
59
77
A10
O
—
GD12
2
32
K4
O
—
GD13
3
33
L4
O
—
GD14
6
47
L9
O
—
GD15
8
48
K9
O
—
GEN
51
91
C5
O
—
Graphics Display Enable Output.
GPWR
53
27
J3
O
—
Graphics Display Power System Enable.
HSYNC
64
97
A3
O
—
Graphics Display Horizontal Sync Pulse.
INT0
46
72
D9
I
ST
External Interrupt Input.
MCLR
7
13
F1
I
ST
Master Clear (device Reset) Input. This line is brought low
to cause a Reset.
OSCI
39
63
F9
I
ANA
Main Oscillator Input Connection.
OSCO
40
64
F11
O
ANA
Main Oscillator Output Connection.
TABLE 1-3:
PIC24FJ256DA210 FAMILY PINOUT DESCRIPTIONS (CONTINUED)
Function
Pin Number
I/O
Input
Buffer
Description
64-Pin
TQFP/QFN
100-Pin
TQFP
121-Pin
BGA
Legend:
TTL = TTL input buffer
ST = Schmitt Trigger input buffer
ANA = Analog level input/output
I2C™ = I2C/SMBus input buffer
Note 1:
The alternate EPMP pins are selected when the ALTPMP (CW3<12>) bit is programmed to ‘0’.
2:
The PMSC2 signal will replace the PMA15 signal on the 15-pin PMA when CSF<1:0> = 01 or 10.
3:
The PMCS1 signal will replace the PMA14 signal on the 14-pin PMA when CSF<1:0> = 10.
4:
The alternate VREF pins selected when the ALTVREF (CW1<5>) bit is programmed to ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com