Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ256DA206 Datasheet(PDF) 56 Page - Microchip Technology

Part # PIC24FJ256DA206
Description  64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256DA206 Datasheet(HTML) 56 Page - Microchip Technology

Back Button PIC24FJ256DA206 Datasheet HTML 52Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 53Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 54Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 55Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 56Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 57Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 58Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 59Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 408 page
background image
OC8CON1
01D6
—
—
OCSIDL
OCTSEL2
OCTSEL1
OCTSEL0
ENFLT2
ENFLT1
ENFLT0
OCFLT2
OCFLT1
OCFLT0
TRIGMODE
OCM2
OCM1
OCM0
0000
OC8CON2
01D8
FLTMD
FLTOUT
FLTTRIEN
OCINV
—
DCB1
DCB0
OC32
OCTRIG
TRIGSTAT
OCTRIS
SYNCSEL4
SYNCSEL3
SYNCSEL2
SYNCSEL1
SYNCSEL0
000C
OC8RS
01DA
Output Compare 8 Secondary Register
0000
OC8R
01DC
Output Compare 8 Register
0000
OC8TMR
01DE
Output Compare 8 Timer Value Register
xxxx
OC9CON1
01E0
—
—
OCSIDL
OCTSEL2
OCTSEL1
OCTSEL0
ENFLT2
ENFLT1
ENFLT0
OCFLT2
OCFLT1
OCFLT0
TRIGMODE
OCM2
OCM1
OCM0
0000
OC9CON2
01E2
FLTMD
FLTOUT
FLTTRIEN
OCINV
—
DCB1
DCB0
OC32
OCTRIG
TRIGSTAT
OCTRIS
SYNCSEL4
SYNCSEL3
SYNCSEL2
SYNCSEL1
SYNCSEL0
000C
OC9RS
01E4
Output Compare 9 Secondary Register
0000
OC9R
01E6
Output Compare 9 Register
0000
OC9TMR
01E8
Output Compare 9 Timer Value Register
xxxx
TABLE 4-9:
OUTPUT COMPARE REGISTER MAP (CONTINUED)
File Name Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
TABLE 4-10:
I2C™ REGISTER MAP
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
I2C1RCV
0200
—
—
—
—
—
—
—
—
I2C1 Receive Register
0000
I2C1TRN
0202
—
—
—
—
—
—
—
—
I2C1 Transmit Register
00FF
I2C1BRG
0204
—
—
—
—
—
—
—
I2C1 Baud Rate Generator Register
0000
I2C1CON
0206
I2CEN
—
I2CSIDL
SCLREL
IPMIEN
A10M
DISSLW
SMEN
GCEN
STREN
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
1000
I2C1STAT
0208
ACKSTAT
TRSTAT
—
—
—
BCL
GCSTAT
ADD10
IWCOL
I2COV
D/A
PS
R/W
RBF
TBF
0000
I2C1ADD
020A
—
—
—
—
—
—
I2C1 Address Register
0000
I2C1MSK
020C
—
—
—
—
—
—
I2C1 Address Mask Register
0000
I2C2RCV
0210
—
—
—
—
—
—
—
—
I2C2 Receive Register
0000
I2C2TRN
0212
—
—
—
—
—
—
—
—
I2C2 Transmit Register
00FF
I2C2BRG
0214
—
—
—
—
—
—
—
I2C2 Baud Rate Generator Register
0000
I2C2CON
0216
I2CEN
—
I2CSIDL
SCLREL
IPMIEN
A10M
DISSLW
SMEN
GCEN
STREN
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
1000
I2C2STAT
0218
ACKSTAT
TRSTAT
—
—
—
BCL
GCSTAT
ADD10
IWCOL
I2COV
D/A
PS
R/W
RBF
TBF
0000
I2C2ADD
021A
—
—
—
—
—
—
I2C2 Address Register
0000
I2C2MSK
021C
—
—
—
—
—
—
I2C2 Address Mask Register
0000
I2C3RCV
0270
—
—
—
—
—
—
—
—
I2C3 Receive Register
0000
I2C3TRN
0272
—
—
—
—
—
—
—
—
I2C3 Transmit Register
00FF
I2C3BRG
0274
—
—
—
—
—
—
—
I2C3 Baud Rate Generator Register
0000
I2C3CON
0276
I2CEN
—
I2CSIDL
SCLREL
IPMIEN
A10M
DISSLW
SMEN
GCEN
STREN
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
1000
I2C3STAT
0278
ACKSTAT
TRSTAT
—
—
—
BCL
GCSTAT
ADD10
IWCOL
I2COV
D/A
PS
R/W
RBF
TBF
0000
I2C3ADD
027A
—
—
—
—
—
—
I2C3 Address Register
0000
I2C3MSK
027C
—
—
—
—
—
—
I2C3 Address Mask Register
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com