Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ256DA206 Datasheet(PDF) 111 Page - Microchip Technology

Part # PIC24FJ256DA206
Description  64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256DA206 Datasheet(HTML) 111 Page - Microchip Technology

Back Button PIC24FJ256DA206 Datasheet HTML 107Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 108Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 109Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 110Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 111Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 112Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 113Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 114Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 115Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 408 page
background image
 2010 Microchip Technology Inc.
DS39969B-page 111
PIC24FJ256DA210 FAMILY
bit 6
IC7IE: Input Capture Channel 7 Interrupt Enable bit
1
= Interrupt request is enabled
0
= Interrupt request is not enabled
bit 5
Unimplemented: Read as ‘0’
bit 4
INT1IE: External Interrupt 1 Enable bit(1)
1
= Interrupt request is enabled
0
= Interrupt request is not enabled
bit 3
CNIE: Input Change Notification Interrupt Enable bit
1
= Interrupt request is enabled
0
= Interrupt request is not enabled
bit 2
CMIE: Comparator Interrupt Enable bit
1
= Interrupt request is enabled
0
= Interrupt request is not enabled
bit 1
MI2C1IE: Master I2C1 Event Interrupt Enable bit
1
= Interrupt request is enabled
0
= Interrupt request is not enabled
bit 0
SI2C1IE: Slave I2C1 Event Interrupt Enable bit
1
= Interrupt request is enabled
0
= Interrupt request is not enabled
REGISTER 7-13:
IEC1: INTERRUPT ENABLE CONTROL REGISTER 1 (CONTINUED)
Note 1:
If an external interrupt is enabled, the interrupt input must also be configured to an available RPx or RPIx
pin. See Section 10.4 “Peripheral Pin Select (PPS)” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com