| Electronic Components Datasheet Search |
|
SPMC68CK338CPV14 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPMC68CK338CPV14 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc |
|
30 / 133 page ![]() MOTOROLA MC68CK338 30 MC68CK338TS/D 3.6 Chip-Selects Typical microcontrollers require additional hardware to provide external chip-select and address de- code signals. The MC68338 includes 12 programmable chip-selects that can provide 2 to 16-clock-cy- cle access to external memory and peripherals. Address block sizes of two Kbytes to one Mbyte can be selected. Figure 11 is a functional diagram of a chip-select circuit. Chip-select assertion can be synchronized with bus control signals to provide output enable, read/write strobe, or interrupt acknowledge signals. Chip-select logic can also generate DSACK and AVEC signals internally. Each signal can also be synchronized with the ECLK signal available on ADDR23. Figure 11 Chip-Select Circuit Block Diagram NOTES: 1. All transfers are aligned. The CPU32L does not support misaligned word or long-word transfers. 2. Operands in parentheses are ignored by the CPU32L during read cycles. 3. 3-Byte transfer cases occur only as a result of a long word to 8-bit port transfer. Table 16 Operand Alignment Current Cycle Transfer Case1 SIZ1 SIZ0 ADDR0 DSACK1 DSACK0 DATA [15:8] DATA [7:0] Next Cycle 1 Byte to 8-bit port (even) 0 1 0 1 0 OP0 (OP0)2 — 2 Byte to 8-bit port (odd) 0 1 1 1 0 OP0 (OP0) — 3 Byte to 16-bit port (even) 0 1 0 0 1 OP0 (OP0) — 4 Byte to 16-bit port (odd) 0 1 1 0 1 (OP0) OP0 — 5 Word to 8-bit port 1 0 0 1 0 OP0 (OP1) 2 6 Word to 16-bit port 1 0 0 0 1 OP0 OP1 — 7 3-byte to 8-bit port3 1 1 1 1 0 OP0 (OP0) 5 8 Long word to 8-bit port 0 0 0 1 0 OP0 (OP0) 7 9 Long word to 16-bit port 0 0 0 0 1 OP0 OP1 6 CHIP SEL BLOCK AVEC GENERATOR DSACK GENERATOR PIN ASSIGNMENT REGISTER PIN DATA REGISTER BASE ADDRESS REGISTER TIMING AND CONTROL ADDRESS COMPARATOR OPTION COMPARE OPTION REGISTER AVEC DSACK PIN BUS CONTROL INTERNAL SIGNALS ADDRESS Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |