Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPMC68CK338CPV14 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # SPMC68CK338CPV14
Description  32-Bit Modular Microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMC68CK338CPV14 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button SPMC68CK338CPV14 Datasheet HTML 28Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 29Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 30Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 31Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 32Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 33Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 34Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 35Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 133 page
background image
MOTOROLA
MC68CK338
32
MC68CK338TS/D
Table 19 shows pin assignment field encoding. Pins that have no discrete output function do not use
the %00 encoding.
CSPAR0 contains seven 2-bit fields that determine the functions of corresponding chip-select pins.
CSPAR0[15:14] are not used. These bits always read zero; writes have no effect. CSPAR0 bit 1 always
reads one; writes to CSPAR0 bit 1 have no effect. Table 20 shows CSPAR0 pin assignments.
Table 18 Chip-Select Pin Functions
Assignment
Register
16-Bit
Chip-Select
Alternate
Function
Discrete
Output
CSPAR0
CSBOOT
CSBOOT
—
CS0
BR
—
CS1
BG
—
CS2
BGACK
—
CS3
FC0
PC0
CS4
FC1
PC1
CS5
FC2
PC2
CSPAR1
CS6
ADDR19
PC3
CS7
ADDR20
PC4
CS8
ADDR21
PC5
CS9
ADDR22
PC6
CS10
ADDR23
ECLK
Table 19 Pin Assignment Encodings
Bit Field
Description
00
Discrete output
01
Alternate function
10
Chip-select (8-bit port)
11
Chip-select (16-bit port)
CSPAR0 — Chip-Select Pin Assignment Register 0
$YFFA44
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
CS5PA[1:0]
CS4PA[1:0]
CS3PA[1:0]
CS2PA[1:0]
CS1PA[1:0]
CS0PA[1:0]
CSBTPA[1:0]
RESET:
0
0
DATA2
1
DATA2
1
DATA2
1
DATA1
1
DATA1
1
DATA1
1
1
DATA0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com