Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPMC68CK338CPV14 Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # SPMC68CK338CPV14
Description  32-Bit Modular Microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMC68CK338CPV14 Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button SPMC68CK338CPV14 Datasheet HTML 82Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 83Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 84Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 85Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 86Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 87Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 88Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 89Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 133 page
background image
MOTOROLA
MC68CK338
86
MC68CK338TS/D
Figure 19 CPSM Block Diagram
6.5.1 CPSM Registers
The CPSM contains a control register and a test register. All unused bits and reserved address loca-
tions return zero when read by the software. Writing to unused bits and reserved address locations has
no effect.
PRUN — Prescaler Running
The PRUN bit is a read/write control bit that allows the software to switch the prescaler counter on and
off. This bit allows the counters in various CTM6 submodules to be synchronized. It is cleared by reset.
0 = Prescaler is held in reset and is not running
1 = Prescaler is running
DIV23 — Divide By 2/Divide By 3
The DIV23 bit is a read/write control bit that selects the division ratio of the first prescaler counter. It may
be changed by the software at any time and is cleared by reset.
0 = First prescaler stage divides by two
1 = First prescaler stage divides by three
PSEL[1:0] — Prescaler Division Ratio Select Field
This bit field selects the division ratio of the programmable prescaler output signal (PCLK6). Refer to
Table 49.
CPCR — CPSM Control Register
$YFF408
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
NOT USED
PRUN
DIV23
PSEL[1:0]
RESET:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
CTM CPSM BLOCK
fsys
8-BIT
PCLK2 =
PCLK3 =
PCLK4 =
PCLK5 =
PCLK6 =
FIRST CPSM
SELECT
PCLK1 =
÷2
÷4
÷8
÷16
÷32
PRESCALER
÷64
÷128
÷256
PRUN
DIV23 PSEL1 PSEL0
CPCR
PRESCALER
÷2 or ÷3
fsys ÷ 2
fsys ÷ 4
fsys ÷ 8
fsys ÷ 16
fsys ÷ 32
fsys ÷ 64
fsys ÷ 128
fsys ÷ 256
fsys ÷ 512
fsys ÷ 3
fsys ÷ 6
fsys ÷ 12
fsys ÷ 24
fsys ÷ 48
fsys ÷ 96
fsys ÷ 192
fsys ÷ 384
fsys ÷ 768
DIV23 =
÷ 3
DIV23 =
÷ 2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com