Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPMC68CK338CPV14 Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # SPMC68CK338CPV14
Description  32-Bit Modular Microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMC68CK338CPV14 Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button SPMC68CK338CPV14 Datasheet HTML 52Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 53Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 54Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 55Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 56Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 57Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 58Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 59Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 133 page
background image
MOTOROLA
MC68CK338
56
MC68CK338TS/D
4.7 Background Debugging Mode
The background debugger on the CPU32L is implemented in CPU microcode. The background debug-
ging commands are summarized in Table 34.
Table 34 Background Debugging Mode Commands
Command
Mnemonic
Description
Read D/A Register
RDREG/RAREG
Read the selected address or data register and return
the results through the serial interface.
Write D/A Register
WDREG/WAREG
The data operand is written to the specified address or
data register.
Read System Register
RSREG
The specified system control register is read. All regis-
ters that can be read in supervisor mode can be read in
background mode.
Write System Register
WSREG
The operand data is written into the specified system
control register.
Read Memory Location
READ
Read the sized data at the memory location specified
by the long-word address. The source function code
register (SFC) determines the address space access-
ed.
Write Memory Location
WRITE
Write the operand data to the memory location speci-
fied by the long-word address. The destination function
code (DFC) register determines the address space ac-
cessed.
Dump Memory Block
DUMP
Used in conjunction with the READ command to dump
large blocks of memory. An initial READ is executed to
set up the starting address of the block and retrieve the
first result. Subsequent operands are retrieved with the
DUMP command.
Fill Memory Block
FILL
Used in conjunction with the WRITE command to fill
large blocks of memory. Initially, a WRITE is executed
to set up the starting address of the block and supply
the first operand. The FILL command writes subse-
quent operands.
Resume Execution
GO
The pipe is flushed and refilled before resuming in-
struction execution at the current PC.
Patch User Code
CALL
Current program counter is stacked at the location of
the current stack pointer. Instruction execution begins
at user patch code.
Reset Peripherals
RST
Asserts RESET for 512 clock cycles. The CPU is not
reset by this command. Synonymous with the CPU RE-
SET instruction.
No Operation
NOP
NOP performs no operation and can be used as a null
command.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com