Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPMC68CK338CPV14 Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # SPMC68CK338CPV14
Description  32-Bit Modular Microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMC68CK338CPV14 Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button SPMC68CK338CPV14 Datasheet HTML 59Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 60Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 61Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 62Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 63Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 64Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 65Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 66Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 133 page
background image
MC68CK338
MOTOROLA
MC68CK338TS/D
63
DDRQS determines the direction of the TXD pin only when the SCI transmitter is disabled. When the
SCI transmitter is enabled, the TXD pin is an output.
NOTES:
1. PQS2 is a digital I/O pin unless the SPI is enabled (SPE in SPCR1 set), in which case it becomes
SPI serial clock SCK.
2. PQS7 is a digital I/O pin unless the SCI transmitter is enabled (TE in SCCR1 = 1), in which case
it becomes SCI serial output TXD.
Table 38 Effect of DDRQS on QSM Pin Function
QSM Pin
Mode
DDRQS Bit
Bit State
Pin Function
MISO
Master
DDQ0
0
Serial data input to QSPI
1
Disables data input
Slave
0
Disables data output
1
Serial data output from QSPI
MOSI
Master
DDQ1
0
Disables data output
1
Serial data output from QSPI
Slave
0
Serial data input to QSPI
1
Disables data input
SCK1
Master
DDQ2
0
Disables clock output
1
Clock output from QSPI
Slave
0
Clock input to QSPI
1
Disables clock Input
PCS0/SS
Master
DDQ3
0
Assertion causes mode fault
1
Chip-select output
Slave
0
QSPI slave select input
1
Disables select input
PCS[3:1]
Master
DDQ[4:6]
0
Disables chip-select output
1
Chip-select output
Slave
0
Inactive
1
Inactive
TXD2
Transmit
DDQ7
X
Serial data output from SCI
RXD
Receive
None
NA
Serial data input to SCI
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com