Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPMC68CK338CPV14 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # SPMC68CK338CPV14
Description  32-Bit Modular Microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMC68CK338CPV14 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button SPMC68CK338CPV14 Datasheet HTML 32Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 33Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 34Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 35Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 36Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 37Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 38Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 39Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 133 page
background image
MOTOROLA
MC68CK338
36
MC68CK338TS/D
CSORBT, the option register for CSBOOT, contains special reset values that support bootstrap opera-
tion from peripheral memory devices.
The following bit descriptions apply to both CSORBT and CSOR[0:10] option registers.
MODE — Asynchronous/Synchronous Mode
0 = Asynchronous mode (chip-select assertion determined by bus control signals)
1 = Synchronous mode (chip-select assertion synchronized with ECLK signal)
In asynchronous mode, the chip-select is asserted synchronized with AS or DS.
DSACK[3:0] is not used in synchronous mode because a bus cycle is only performed as a synchronous
operation. When a match condition occurs on a chip-select programmed for synchronous operation, the
chip-select signals the EBI that an ECLK cycle is pending.
BYTE[1:0] — Upper/Lower Byte Option
This field is used only when the chip-select 16-bit port option is selected in the pin assignment register.
Table 24 lists upper/lower byte options.
R/W[1:0] — Read/Write
This field causes a chip-select to be asserted only for reads, only for writes, or for both reads and writes.
Refer to Table 25 for options available.
STRB — Address Strobe/Data Strobe
0 = Address strobe
1 = Data strobe
This bit controls the timing for assertion of a chip-select in asynchronous mode. Selecting address
strobe causes chip-select to be asserted synchronized with address strobe. Selecting data strobe caus-
es chip-select to be asserted synchronized with data strobe.
DSACK[3:0] — Data and Size Acknowledge
This field specifies the source of DSACK[3:0] in asynchronous mode. It also allows the user to adjust
bus timing with internal DSACK[3:0] generation by controlling the number of wait states that are inserted
to optimize bus speed in a particular application. Table 26 shows the DSACK[3:0] encoding. The fast
termination encoding (%1110) is used for two-cycle access to external memory.
Table 24 Upper/Lower Byte Options
BYTE[1:0]
Description
00
Disable
01
Lower Byte
10
Upper Byte
11
Both Bytes
Table 25 R/W Encodings
R/W[1:0]
Description
00
Reserved
01
Read Only
10
Write Only
11
Read/Write
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com