Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPMC68CK338CPV14 Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # SPMC68CK338CPV14
Description  32-Bit Modular Microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMC68CK338CPV14 Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button SPMC68CK338CPV14 Datasheet HTML 69Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 70Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 71Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 72Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 73Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 74Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 75Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 76Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 133 page
background image
MC68CK338
MOTOROLA
MC68CK338TS/D
73
SCCR0 contains a baud rate selection parameter. Baud rate must be set before the SCI is enabled. The
CPU can read and write this register at any time.
Bits [15:13] — Not Implemented
SCBR[12:0] — Baud Rate
SCI baud rate is programmed by writing a 13-bit value to BR. The baud rate is derived from the MCU
system clock by a modulus counter.
The SCI receiver operates asynchronously. An internal clock is necessary to synchronize with an in-
coming data stream. The SCI baud rate generator produces a receiver sampling clock with a frequency
16 times that of the expected baud rate of the incoming data. The SCI determines the position of bit
boundaries from transitions within the received waveform, and adjusts sampling points to the proper po-
sitions within the bit period. Receiver sampling rate is always 16 times the frequency of the SCI baud
rate, which is calculated as follows:
or
where SCBR[12:0] is in the range {1, 2, 3, …, 8191}
Writing a value of zero to SCBR[12:0] disables the baud rate generator.
Table 43 lists the SCBR[12:0] settings for standard and maximum baud rates using a 14.44 MHz sys-
tem clock.
SCCR0 — SCI Control Register 0
$YFFC08
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
SCBR[12:0]
RESET:
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
Table 43 SCI Baud Rates
Nominal Baud Rate
Actual Rate with
14.44 MHz Clock
SCBR[12:0] Value
64
64.0
$1B8B
110
110.0
$1006
300
300.0
$05E0
600
600.1
$02F0
1200
1200.1
$0178
2400
2400.3
$00BC
4800
4800.5
$005E
9600
9601.1
$002F
19200
18802.1
$0018
38400
37604.2
$000C
76800
75208.3
$0006
Maximum rate
451250.0
$0001
SCI Baud Rate
System Clock
32
() SCBR[12:0]
()
------------------------------------------------
=
SCBR[12:0]
System Clock
32
SCI Baud Rate Desired
×
---------------------------------------------------------------------------
=
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com