Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPMC68CK338CPV14 Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # SPMC68CK338CPV14
Description  32-Bit Modular Microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMC68CK338CPV14 Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button SPMC68CK338CPV14 Datasheet HTML 40Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 41Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 42Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 43Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 44Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 45Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 46Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 47Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 133 page
background image
MOTOROLA
MC68CK338
44
MC68CK338TS/D
If an internal source asserts the reset signal, the reset control logic asserts RESET for a minimum of
512 cycles. If the reset signal is still asserted at the end of 512 cycles, the control logic continues to
assert RESET until the internal reset signal is negated.
After 512 cycles have elapsed, the reset input pin goes to an inactive, high-impedance state for 10 cy-
cles. At the end of this 10-cycle period, the reset input is tested. When the input is at logic level one,
reset exception processing begins. If, however, the reset input is at logic level zero, the reset control
logic drives the pin low for another 512 cycles. At the end of this period, the pin again goes to high-
impedance state for ten cycles, then it is tested again. The process repeats until RESET is released.
3.8.5 Power-On Reset
When the SIML clock synthesizer is used to generate the system clock, power-on reset involves special
circumstances related to application of system and clock synthesizer power. Regardless of clock
source, voltage must be applied to clock synthesizer power input pin VDDSYN in order for the MCU to
operate. The following discussion assumes that VDDSYN is applied before and during reset. This mini-
mizes crystal start-up time. When VDDSYN is applied at power-on, start-up time is affected by specific
crystal parameters and by oscillator circuit design. VDD ramp-up time also affects pin state during reset.
During power-on reset, an internal circuit in the SIML drives the IMB and external reset lines. The circuit
releases the internal reset line as VDD ramps up to the minimum specified value, and SIML pins are
initialized. As VDD reaches a specified minimum value, the clock synthesizer VCO begins operation and
clock frequency ramps up to specified limp mode frequency. The external RESET line remains asserted
until the clock synthesizer PLL locks and 512 CLKOUT cycles elapse.
The SIML clock synthesizer provides clock signals to the other MCU modules. After the clock is running
and the internal reset signal is asserted for four clock cycles, these modules reset. VDD ramp time and
VCO frequency ramp time determine how long these four cycles take. Worst case is approximately 15
milliseconds. During this period, module port pins may be in an indeterminate state. While input-only
pins can be put in a known state by means of external pull-up resistors, external logic on input/output
or output-only pins must condition the lines during this time. Active drivers require high-impedance buff-
ers or isolation resistors to prevent conflict.
3.8.6 Use of Three-State Control Pin
Asserting the three-state control (TSC) input causes the MCU to put all output drivers in an inactive,
high-impedance state. The signal must remain asserted for ten clock cycles in order for drivers to
change state. There are certain constraints on use of TSC during power-on reset:
• When the internal clock synthesizer is used (MODCLK held high during reset), synthesizer ramp-
up time affects how long the ten cycles take. Worst case is approximately 20 ms from TSC asser-
tion.
• When an external clock signal is applied (MODCLK held low during reset), pins go to high-imped-
ance state as soon after TSC assertion as ten clock pulses have been applied to the EXTAL pin.
• When TSC assertion takes effect, internal signals are forced to values that can cause inadvertent
mode selection. Once the output drivers change state, the MCU must be powered down and re-
started before normal operation can resume.
3.9 Interrupts
Interrupt recognition and servicing involve complex interaction between the CPU32L, the SIML, and a
device or module requesting interrupt service.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com