Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPMC68CK338CPV14 Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # SPMC68CK338CPV14
Description  32-Bit Modular Microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMC68CK338CPV14 Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button SPMC68CK338CPV14 Datasheet HTML 61Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 62Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 63Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 64Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 65Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 66Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 67Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 68Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 133 page
background image
MC68CK338
MOTOROLA
MC68CK338TS/D
65
5.5.1 QSPI Pins
Seven pins are associated with the QSPI. When not needed for a QSPI function, they can be configured
as general-purpose I/O pins. The PCS0/SS pin can function as a peripheral chip select output, slave
select input, or general-purpose I/O. Refer to Table 39 for QSPI input and output pins and their func-
tions.
5.5.2 QSPI Registers
The programmer's model for the QSPI submodule consists of the QSM global and pin control registers,
four QSPI control registers, one status register, and the 80-byte QSPI RAM.
The CPU can read and write to registers and RAM. The four control registers must be initialized before
the QSPI is enabled to ensure defined operation. SPCR1 should be written last because it contains
QSPI enable bit SPE. Asserting this bit starts the QSPI. The QSPI control registers are reset to a de-
fined state and can then be changed by the CPU. Reset values are shown below each register.
Table 40 shows a memory map of the QSPI.
Writing a different value into any control register except SPCR2 while the QSPI is enabled disrupts op-
eration. SPCR2 is buffered to prevent disruption of the current serial transfer. After completion of the
current serial transfer, the new SPCR2 values become effective.
Writing the same value into any control register except SPCR2 while the QSPI is enabled has no effect
on QSPI operation. Rewriting NEWQP[3:0] in SPCR2 causes execution to restart at the designated
location.
Table 39 QSPI Pins
Pin Name(s)
Mnemonic(s)
Mode
Function
Master In Slave Out
MISO
Master
Slave
Serial data input to QSPI
Serial data output from QSPI
Master Out Slave In
MOSI
Master
Slave
Serial data output from QSPI
Serial data input to QSPI
Serial Clock
SCK
Master
Slave
Clock output from QSPI
Clock input to QSPI
Peripheral Chip Selects
PCS[3:1]
Master
Select peripherals
Peripheral Chip Select
Slave Select
PCS0
SS
Master
Master
Slave
Selects peripheral
Causes mode fault
Initiates serial transfer
Table 40 QSPI Memory Map
Address
Name
Usage
$YFFC18
SPCR0
QSPI control register 0
$YFFC1A
SPCR1
QSPI control register 1
$YFFC1C
SPCR2
QSPI control register 2
$YFFC1E
SPCR3
QSPI control register 3
$YFFC1F
SPSR
QSPI status register
$YFFD00
RR[0:F]
QSPI receive data (16 words)
$YFFD20
TR[0:F]
QSPI transmit data (16 words)
$YFFD40
CR[0:F]
QSPI command control (8 words)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com