Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPMC68CK338CPV14 Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # SPMC68CK338CPV14
Description  32-Bit Modular Microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMC68CK338CPV14 Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button SPMC68CK338CPV14 Datasheet HTML 27Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 28Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 29Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 30Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 31Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 32Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 33Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 34Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 133 page
background image
MC68CK338
MOTOROLA
MC68CK338TS/D
31
When a memory access occurs, chip-select logic compares address space type, address, type of ac-
cess, transfer size, and interrupt priority (in the case of interrupt acknowledge) to parameters stored in
chip-select registers. If all parameters match, the appropriate chip-select signal is asserted. Select sig-
nals are active low. If a chip-select function is given the same address as a microcontroller module or
an internal memory array, an access to that address goes to the module or array, and the chip-select
signal is not asserted. The external address and data buses do not reflect the internal access.
All chip-select circuits except CSBOOT are disabled out of reset. Chip-select option registers must not
be written until base addresses have been written to the proper base address registers. Alternate func-
tions for chip-select pins are enabled if appropriate data bus pins are held low at the release of RESET.
Table 17 lists allocation of chip-selects and discrete outputs on the pins of the MCU.
3.6.1 Chip-Select Registers
Each chip-select pin can have one or more functions. Chip-select pin assignment registers CSPAR[0:1]
determine functions of the pins. Pin assignment registers also determine port size for dynamic bus al-
location. A pin data register (PORTC) latches data for chip-select pins that are used for discrete output.
Blocks of addresses are assigned to each chip-select function. Block sizes of two Kbytes to one Mbyte
can be selected by writing values to the appropriate base address registers CSBARBT and CS-
BAR[0:10]. Multiple chip-selects assigned to the same block of addresses must have the same number
of wait states.
Chip-select option registers CSORBT and CSOR[0:10] determine timing of and conditions for assertion
of chip-select signals. Eight parameters, including operating mode, access size, synchronization, and
wait state insertion can be specified.
Initialization software usually resides in a peripheral memory device controlled by the chip-select cir-
cuits. CSBOOT and registers CSORBT and CSBARBT are provided to support bootstrap operation.
3.6.2 Pin Assignment Registers
The pin assignment registers contain twelve 2-bit fields that determine functions of the chip-select pins.
Each pin has two or three possible functions, as shown in Table 18.
Table 17 Chip-Select and Discrete Output Allocation
Pin
Chip-Select
Discrete Outputs
CSBOOT
CSBOOT
—
BR
CS0
—
BG
CS1
—
BGACK
CS2
—
FC0
CS3
PC0
FC1
CS4
PC1
FC2
CS5
PC2
ADDR19
CS6
PC3
ADDR20
CS7
PC4
ADDR21
CS8
PC5
ADDR22
CS9
PC6
ADDR23
CS10
—
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com