Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPMC68CK338CPV14 Datasheet(PDF) 88 Page - Freescale Semiconductor, Inc

Part # SPMC68CK338CPV14
Description  32-Bit Modular Microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMC68CK338CPV14 Datasheet(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button SPMC68CK338CPV14 Datasheet HTML 84Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 85Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 86Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 87Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 88Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 89Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 90Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 91Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 92Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 133 page
background image
MOTOROLA
MC68CK338
88
MC68CK338TS/D
NOTE
In order to count, the FCSM requires the CPSM clock signals to be present. On
coming out of reset, the FCSM does not count internal or external events until the
prescaler in the CPSM starts running (when the software sets the PRUN bit). This
allows all counters in the CTM6 submodules to be synchronized.
Figure 20 FCSM Block Diagram
6.7.1 FCSM Registers
The FCSM contains a status/interrupt/control register and a counter register. All unused bits and re-
served address locations return zero when read. Writing to unused bits and reserved address locations
has no effect.
COF — Counter Overflow Flag
This status flag indicates whether or not a counter overflow has occurred. An overflow is defined to be
the transition of the counter from $FFFF to $0000. If the IL field is non-zero, an interrupt request is gen-
erated when the COF bit is set.
0 = Counter overflow has not occurred
1 = Counter overflow has occurred
This flag is set only by hardware and cleared only by software or a system reset. To clear the flag, first
read the register with COF set to one, then write a zero to the bit. COF is cleared only if no overflow
occurs between the read and write operations.
FCSM3SIC — FCSM Status/Interrupt/Control Register
$YFF418
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
COF
IL[2:0]
IARB3
0
DRVA
DRVB
IN
0
0
0
0
CLK[2:0]
RESET:
0
0
0
0
0
0
0
0
U
0
0
0
0
0
0
0
CTM FCSM BLOCK
16-BIT UP COUNTER
IL2
IL1
IL0
IARB3
COF
EDGE
TIME BASE BUSES
IL1
INTERRUPT
CLOCK
IN
CLK1 CLK0
CLK2
OVERFLOW
BUS
CONTROL REGISTER BITS
CONTROL REGISTER BITS
DRVA DRVB
CONTROL REGISTER BITS
6 CLOCKS (PCLKX) FROM PRESCALER
SUBMODULE BUS
CONTROL
SELECT
SELECT
DETECT
TBBA
TBBB
INPUT PIN
CTMC
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com