Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPMC68CK338CPV14 Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # SPMC68CK338CPV14
Description  32-Bit Modular Microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMC68CK338CPV14 Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button SPMC68CK338CPV14 Datasheet HTML 92Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 93Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 94Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 95Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 96Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 97Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 98Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 99Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 133 page
background image
MOTOROLA
MC68CK338
96
MC68CK338TS/D
NOTE
This bit field affects both SASM channels, not just channel A.
IEN — Interrupt Enable
This control bit enables interrupts when FLAG is set and the IL[2:0] field is non-zero.
0 = Interrupts disabled
1 = Interrupts enabled
BSL — Time Base Bus Select
This control bit selects the time base bus connected to the SASM.
0 = Time base bus A selected
1 = Time base bus B selected
IN — Input Pin Status
In input mode (IC), the IN bit reflects the logic state present on the corresponding input pin after being
Schmitt triggered and synchronized.
In the output modes (OC, OCT and OP), the IN bit value reflects the state of the output flip-flop.
The IN bit is a read-only bit. Reset has no effect on this bit.
NOTE
The input of SASM12A is internally connected to I/O pin CTD29 and will read the
state of that pin. The input of SASM12B is internally connected to I/O pin CTD26
and will read the state of that pin.
FORCE — Force Compare Control
In the IC and OP modes, FORCE is not used and writing to it has no effect.
In the OC and OCT modes, FORCE is used by software to cause the output flip-flop (and the output
pin) to behave as though an output compare had occurred. In OC and OCT mode, setting FORCE caus-
es the value of EDOUT to be transferred to the output of the output flip-flop. Internal synchronization
ensures that the correct level appears on the output pin when a new value is written to EDOUT and
FORCE is set at the same time.
0 = No action
1 = Force output flip-flop to behave as if an output compare has occurred
FORCE is cleared by reset and always reads as zero.
NOTE
FLAG is not affected by the use of the FORCE bit.
EDOUT — Edge Detect and Output Level
In IC mode, EDOUT is used to select the edge that triggers the input capture circuitry.
0 = Input capture on falling edge
1 = Input capture on rising edge
In OC and OCT mode, the EDOUT bit is used to latch the value to be output to the pin on the next output
compare match or when the FORCE is set. Internal synchronization ensures that the correct level ap-
pears on the output pin when a new value is written to EDOUT and FORCE is set at the same time.
Reading EDOUT returns the previous value written.
In OP mode, the value of EDOUT is output to the corresponding pin. Reading EDOUT returns the pre-
vious value written.
MODE[1:0] — SASM Operating Mode
This bit field selects the mode of operation for the SASM channel. Refer to Table 57.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com