Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPMC68CK338CPV14 Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # SPMC68CK338CPV14
Description  32-Bit Modular Microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMC68CK338CPV14 Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button SPMC68CK338CPV14 Datasheet HTML 64Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 65Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 66Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 67Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 68Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 69Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 70Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 71Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 133 page
background image
MOTOROLA
MC68CK338
68
MC68CK338TS/D
DTL[7:0] — Length of Delay after Transfer
When the DT bit in command RAM is set, this field determines the length of delay after serial transfer.
The following equation is used to calculate the delay:
where DTL equals {1, 2, 3,..., 255}.
A zero value for DTL[7:0] causes a delay-after-transfer value of 8192/System Clock.
If DT equals zero, a standard delay is inserted.
Delay after transfer can be used to provide a peripheral deselect interval. A delay can also be inserted
between consecutive transfers to allow serial A/D converters to complete conversion.
SPCR2 contains QSPI configuration parameters. The CPU can read and write this register; the QSM
has read access only. Writes to SPCR2 are buffered. A write to SPCR2 that changes a bit value while
the QSPI is operating is ineffective on the current serial transfer, but becomes effective on the next se-
rial transfer. Reads of SPCR2 return the current value of the register, not of the buffer.
SPIFIE — SPI Finished Interrupt Enable
0 = QSPI interrupts disabled
1 = QSPI interrupts enabled
SPIFIE enables the QSPI to generate a CPU interrupt upon assertion of the status flag SPIF.
WREN — Wrap Enable
0 = Wraparound mode disabled
1 = Wraparound mode enabled
WREN enables or disables wraparound mode.
WRTO — Wrap To
When wraparound mode is enabled, after the end of queue has been reached, WRTO determines
which address the QSPI executes.
Bit 12 — Not Implemented
ENDQP[3:0] — Ending Queue Pointer
This field contains the last QSPI queue address.
Bits [7:4] — Not Implemented
NEWQP[3:0] — New Queue Pointer Value
This field contains the first QSPI queue address.
SPCR2 — QSPI Control Register 2
$YFFC1C
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SPIFIE
WREN
WRTO
0
ENDQP[3:0]
0
0
0
0
NEWQP[3:0]
RESET:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Delay after Transfer
32
DTL[7:0]
×
System Clock
------------------------------------
=
Standard Delay after Transfer
17
System Clock
------------------------------------
=
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com