| Electronic Components Datasheet Search |
|
SPMC68CK338CPV14 Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPMC68CK338CPV14 Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc |
|
74 / 133 page ![]() MOTOROLA MC68CK338 74 MC68CK338TS/D SCCR1 contains SCI configuration parameters. The CPU can read and write this register at any time. The SCI can modify RWU in some circumstances. In general, interrupts enabled by these control bits are cleared by reading SCSR, then reading (for receiver status bits) or writing (for transmitter status bits) SCDR. Bit 15 — Not Implemented LOOPS — Loop Mode 0 = Normal SCI operation, no looping, feedback path disabled 1 = Test SCI operation, looping, feedback path enabled LOOPS controls a feedback path on the data serial shifter. When loop mode is enabled, SCI transmitter output is fed back into the receive serial shifter. TXD is asserted (idle line). Both transmitter and receiver must be enabled before entering loop mode. WOMS — Wired-OR Mode for SCI Pins 0 = If configured as an output, TXD is a normal CMOS output. 1 = If configured as an output, TXD is an open-drain output. WOMS determines whether the TXD pin is an open-drain output or a normal CMOS output. This bit is used only when TXD is an output. If TXD is used as a general-purpose input pin, WOMS has no effect. ILT — Idle-Line Detect Type 0 = Short idle-line detect (start count on first one) 1 = Long idle-line detect (start count on first one after stop bit(s)) PT — Parity Type 0 = Even parity 1 = Odd parity When parity is enabled, PT determines whether parity is even or odd for both the receiver and the trans- mitter. PE — Parity Enable 0 = SCI parity disabled 1 = SCI parity enabled PE determines whether parity is enabled or disabled for both the receiver and the transmitter. If the re- ceived parity bit is not correct, the SCI sets the PF error flag in SCSR. When PE is set, the most significant bit (MSB) of the data field is used for the parity function, which re- sults in either seven or eight bits of user data, depending on the condition of M bit. Table 44 lists the available choices. SCCR1 — SCI Control Register 1 $YFFC0A 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 LOOPS WOMS ILT PT PE M WAKE TIE TCIE RIE ILIE TE RE RWU SBK RESET: 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Table 44 Parity Enable Data Bit Selection M PE Result 0 0 8 data bits 0 1 7 data bits, 1 parity bit 1 0 9 data bits 1 1 8 data bits, 1 parity bit Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |