Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPMC68CK338CPV14 Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # SPMC68CK338CPV14
Description  32-Bit Modular Microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMC68CK338CPV14 Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button SPMC68CK338CPV14 Datasheet HTML 58Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 59Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 60Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 61Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 62Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 63Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 64Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 65Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 133 page
background image
MOTOROLA
MC68CK338
62
MC68CK338TS/D
Clearing a bit in the PQSPAR assigns the corresponding pin to general-purpose I/O; setting a bit as-
signs the pin to the QSPI. The PQSPAR does not affect operation of the SCI. Table 37 displays PQS-
PAR pin assignments.
DDRQS determines whether pins are inputs or outputs. Clearing a bit makes the corresponding pin an
input; setting a bit makes the pin an output. DDRQS affects both QSPI function and I/O function. Table
38 shows the effect of DDRQS on QSM pin functions.
NOTES:
1. PQS2 is a digital I/O pin unless the SPI is en-
abled (SPE in SPCR1 set), in which case it be-
comes SPI serial clock SCK.
2. PQS7 is a digital I/O pin unless the SCI trans-
mitter is enabled (TE in SCCR1 = 1), in which
case it becomes SCI serial output TXD.
PQSPAR — PORT QS Pin Assignment Register
$YFFC16
DDRQS — PORT QS Data Direction Register
$YFFC17
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
PQSPA6 PQSPA5 PQSPA4 PQSPA3
0
PQSPA1 PQSPA0 DDQS7 DDQS6 DDQS5 DDQS4 DDQS3 DDQS2 DDQS1 DDQS0
RESET:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 37 PQSPAR Pin Assignments
PQSPAR Field
PQSPAR Bit
Pin Function
PQSPA0
0
PQS0
1
MISO
PQSPA1
0
PQS1
1
MOSI
PQSPA2
0
PQS21
1
SCK
PQSPA3
0
PQS3
1
PCS0/SS
PQSPA4
0
PQS4
1
PCS1
PQSPA5
0
PQS5
1
PCS2
PQSPA6
0
PQS6
1
PCS3
PQSPA7
0
PQS72
1
TXD
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com