Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPMC68CK338CPV14 Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # SPMC68CK338CPV14
Description  32-Bit Modular Microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMC68CK338CPV14 Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button SPMC68CK338CPV14 Datasheet HTML 34Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 35Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 36Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 37Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 38Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 39Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 40Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 41Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 133 page
background image
MOTOROLA
MC68CK338
38
MC68CK338TS/D
This field only affects the response of chip-selects and does not affect interrupt recognition by the CPU.
Any level means that chip-select is asserted regardless of the level of the interrupt acknowledge cycle.
AVEC — Autovector Enable
0 = External interrupt vector enabled
1 = Autovector enabled
This field selects one of two methods of acquiring an interrupt vector number during an external interrupt
acknowledge cycle.
If the chip-select is configured to trigger on an interrupt acknowledge cycle (SPACE[1:0] = %00) and
the AVEC field is set to one, the chip-select circuit generates an internal AVEC signal in response to an
external interrupt cycle, and the SIML supplies an automatic vector number. Otherwise, the vector num-
ber must be supplied by the requesting device. An internal autovector is generated only in response to
interrupt requests from the SIML IRQ pins. Interrupt requests from other IMB modules are ignored.
The AVEC bit must not be used in synchronous mode, as autovector response timing can vary because
of ECLK synchronization.
3.6.5 Port C Data Register
Bit values in port C determine the state of chip-select pins used for discrete output. When a pin is as-
signed as a discrete output, the value in this register appears at the output. This is a read/write register.
Bit 7 is not used. Writing to this bit has no effect, and it always returns zero when read.
3.7 General-Purpose Input/Output
SIML pins can be configured as two general-purpose I/O ports, E and F. The following paragraphs de-
scribe registers that control the ports.
Table 28 Interrupt Priority Level Field Encoding
IPL[2:0]
Interrupt Priority Level
000
Any Level
001
1
010
2
011
3
100
4
101
5
110
6
111
7
PORTC — Port C Data Register
$YFFA41
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
NOT USED
0
PC6
PC5
PC4
PC3
PC2
PC1
PC0
RESET:
0
1
1
1
1
1
1
1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com