Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPMC68CK338CPV14 Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # SPMC68CK338CPV14
Description  32-Bit Modular Microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMC68CK338CPV14 Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button SPMC68CK338CPV14 Datasheet HTML 86Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 87Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 88Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 89Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 90Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 91Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 92Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 93Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 133 page
background image
MOTOROLA
MC68CK338
90
MC68CK338TS/D
The FCSM counter register is a read/write register. A read returns the current value of the counter. A
write loads the counter with the specified value. The counter then begins incrementing from this new
value.
6.8 Modulus Counter Submodule (MCSM)
The modulus counter submodule (MCSM) is an enhancement of the FCSM. The MCSM contains a 16-
bit modulus latch, a 16-bit loadable up-counter, counter loading logic, a clock selector, a time base bus
driver, and an interrupt interface. A modulus latch gives the additional flexibility of recycling the counter
at a count other than 64-Kbyte clock cycles. The state of the modulus latch is transferred to the counter
when an overflow occurs or when a user-specified edge transition occurs on an external input pin. In
addition, a write to the modulus counter simultaneously loads both the counter and the modulus latch
with the specified value. The counter then begins incrementing from this new value.
Three MCSMs are contained in the CTM6. Figure 21 shows a block diagram of the MCSM.
NOTE
In order to count, the MCSM requires the CPSM clock signals to be present. On
coming out of reset, the MCSM does not count internal or external events until the
prescaler in the CPSM starts running (when the software sets the PRUN bit). This
allows all counters in the CTM6 submodules to be synchronized.
Figure 21 MCSM Block Diagram
FCSM3CNT — FCSM Counter Register
$YFF41A
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
INTERRUPT
CONTROL
CLOCK
INPUT PIN
CTMC
CTM MCSM BLOCK
16-BIT UP COUNTER
IL2
IL1
IL0
IARB3
COF
EDGE
TIME BASE BUSES
IL1
CLOCK
IN2
CLK1 CLK0
CLK2
OVERFLOW
BUS
CONTROL REGISTER BIT
CONTROL REGISTER BITS
6 CLOCKS (PCLKX) FROM PRESCALER
SUBMODULE BUS
SELECT
SELECT
DETECT
MODULUS
CONTROL
MODULUS REGISTER
CONTROL REGISTER BITS
EDGEN EDGEP
EDGE
MODULUS LOAD
DETECT
INPUT PIN CTML
IN1
CONTROL REGISTER BITS
WRITE
BOTH
DRVA DRVB
CONTROL REGISTER BITS
TBBA
TBBB
MODULUS
CONTROL REGISTER BIT
LOAD INPUT
PIN CTML
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com