Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPMC68CK338CPV14 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # SPMC68CK338CPV14
Description  32-Bit Modular Microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMC68CK338CPV14 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button SPMC68CK338CPV14 Datasheet HTML 33Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 34Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 35Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 36Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 37Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 38Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 39Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 40Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 133 page
background image
MC68CK338
MOTOROLA
MC68CK338TS/D
37
SPACE[1:0] — Address Space
Use this option field to select an address space for the chip-select logic. The CPU32L normally operates
in supervisor or user space, but interrupt acknowledge cycles must take place in CPU space. Table 27
shows address space bit encodings.
IPL[2:0] — Interrupt Priority Level
If the space field is set for CPU space, chip-select logic can be used for interrupt acknowledge. During
an interrupt acknowledge cycle, the priority level on address lines ADDR[3:1] is compared to the value
in IPL[2:0]. If the values are the same, a chip-select is asserted, provided that other option register con-
ditions are met. Table 28 shows IPL[2:0] encoding.
Table 26 DSACK Field Encoding
DSACK[3:0]
Clock Cycles Required
Per Access
Wait States
Per Access
0000
3
0 Wait States
0001
4
1 Wait State
0010
5
2 Wait States
0011
6
3 Wait States
0100
7
4 Wait States
0101
8
5 Wait States
0110
9
6 Wait States
0111
10
7 Wait States
1000
11
8 Wait States
1001
12
9 Wait States
1010
13
10 Wait States
1011
14
11 Wait States
1100
15
12 Wait States
1101
16
13 Wait States
1110
2
Fast Termination
1111
—
External DSACK
Table 27 Address Space Bit Encodings
SPACE[1:0]
Address Space
00
CPU Space
01
User Space
10
Supervisor Space
11
Supervisor/User Space
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com