Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPMC68CK338CPV14 Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # SPMC68CK338CPV14
Description  32-Bit Modular Microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMC68CK338CPV14 Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button SPMC68CK338CPV14 Datasheet HTML 83Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 84Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 85Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 86Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 87Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 88Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 89Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 90Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 133 page
background image
MC68CK338
MOTOROLA
MC68CK338TS/D
87
CPTR — CPSM Test Register
$YFF40A
CPTR is used during factory testing of the CTM6. Accesses to CPTR must be made while the MCU is
in test mode.
6.6 Clock Sources for Counter Submodules
One of seven clock sources can be chosen for each counter submodule. Five of them are fixed
prescaler taps derived from the system clock:
÷2, ÷4, ÷8, ÷16, and ÷32. A sixth prescaler tap is software
selectable as the system clock divided by 64, 128, 256, or 512. An alternate prescaler option provides
fixed prescaler taps of the system clock divided by 3, 6, 12, 24, and 48. In this case, the software se-
lectable tap is the system clock divided by 96, 192, 384, or 768.
The seventh selectable clock source is an external pin which may trigger on the rising or falling edge of
the input signal. The external input allows a clock frequency to be selected that is not based on the MCU
system clock. Alternately, the external clock input allows a counter submodule to be used for pulse or
event counting.
NOTE
The external clock inputs for MCSM30 and MCSM31 are tied to the I/O pin CTD5
for DASM5. The external clock inputs for MCSM2 and FCSM3 are tied to the I/O
pin CTD27 for DASM27.
6.7 Free-Running Counter Submodule (FCSM)
The free-running counter submodule (FCSM) has a 16-bit up counter with an associated clock source
selector, selectable time-base bus drivers, software writable control registers, software readable status
bits, and interrupt logic. When the 16-bit up counter overflows from $FFFF to $0000, an optional over-
flow interrupt may be generated.
Software selects which, if any, time-base bus is to be driven by the 16-bit counter. A software control
register selects whether the clock input to the counter is one of the taps from the prescaler or an input
pin. The polarity of the external input pin is also programmable.
One FCSM is contained in the CTM6. Figure 20 shows a block diagram of the FCSM.
Table 49 Prescaler Division Ratio Select Field
Prescaler Control Register Bits
Prescaler Division Ratio
PRUN
DIV23
PSEL1 PSEL0 PCLK1 PCLK2 PCLK3 PCLK4 PCLK5 PCLK6
0
X
X
X
000000
1000248
16
32
64
1001248
16
32
128
1010248
16
32
256
1011248
16
32
512
110036
12
24
48
96
110136
12
24
48
192
111036
12
24
48
384
111136
12
24
48
768
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com