| Electronic Components Datasheet Search |
|
SPMC68CK338CPV14 Datasheet(PDF) 93 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPMC68CK338CPV14 Datasheet(HTML) 93 Page - Freescale Semiconductor, Inc |
|
93 / 133 page ![]() MC68CK338 MOTOROLA MC68CK338TS/D 93 NOTE The clock input of MCSM2 is internally connected to I/O pin CTD27 for DASM27 and will read the state of that pin. The clock inputs of MCSM30 and MCSM31 are internally connected to I/O pin CTD5 for DASM5 and will read the state of that pin. The MCSM counter register is a read/write register. A read returns the current value of the counter. A write simultaneously loads both the counter and the MCSM modulus latch with the specified value. The counter then begins incrementing from this new value. The MCSM modulus latch register is a read/write register. A read returns the current value of the latch. A write pre-loads the latch with a new value that the modulus counter will begin counting from when the next load condition occurs. 6.9 Single Action Submodule (SASM) The single action submodule (SASM) provides two identical channels, each having its own input/output pin, but sharing the same interrupt logic, priority level, and arbitration number. Each channel can be configured independently to perform either input capture or output compare. Table 55 shows the differ- ent operational modes. NOTES: 1. When a channel is operating in IC mode, the IN bit in the SIC register reflects the logic state of the corresponding input pin (after being Schmitt triggered and synchronized). 2. When a channel is operating in OC, OCT, or OP mode, the IN bit in the SIC register reflects the logic state of the output of the output flip-flop. MCSM2CNT — MCSM2 Counter Register $YFF412 MCSM30CNT — MCSM30 Counter Register $YFF4F2 MCSM31CNT — MCSM31 Counter Register $YFF4FA 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 RESET: 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 MCSM2ML — MCSM2 Modulus Latch $YFF414 MCSM30ML — MCSM30 Modulus Latch $YFF4F4 MCSM31ML — MCSM31 Modulus Latch $YFF4FC 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 RESET: 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Table 55 SASM Operational Modes Mode Function IC1 Input capture either on a rising or falling edge or as a read-only input port OC2 Output compare OCT2 Output compare and toggle OP2 Output port Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |