Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPMC68CK338CPV14 Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # SPMC68CK338CPV14
Description  32-Bit Modular Microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMC68CK338CPV14 Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button SPMC68CK338CPV14 Datasheet HTML 51Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 52Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 53Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 54Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 55Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 56Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 57Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 58Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 133 page
background image
MC68CK338
MOTOROLA
MC68CK338TS/D
55
1. Privileged instruction.
2. Two LPSTOP modes are supported. The first LPSTOP mode is the normal LPSTOP in which the system clock
on the chip is stopped, shutting down all IMB modules with the exception of some parts of the SIML and
CLKOUT. The second LPSTOP mode causes the system clock to be stopped only at the CPU32L, when the
LPSTOP instruction is executed by the CPU32L. As with the normal LPSTOP operation, the CPU32L can be
restarted by an interrupt, a trace, or a reset exception.
Scc
<ea>
8
If condition true, then destination bits are set to 1;
else, destination bits are cleared to 0
STOP1
#<data>
16
Data
⇒ SR; STOP
SUB
<ea>, Dn
Dn, <ea>
8, 16, 32
Destination
− Source ⇒ Destination
SUBA
<ea>, An
16, 32
Destination
− Source ⇒ Destination
SUBI
#<data>, <ea>
8, 16, 32
Destination
− Data ⇒ Destination
SUBQ
#<data>, <ea>
8, 16, 32
Destination
− Data ⇒ Destination
SUBX
Dn, Dn
− (An), − (An)
8, 16, 32
8, 16, 32
Destination
− Source − X ⇒ Destination
SWAP
Dn
16
TAS
<ea>
8
Destination Tested Condition Codes bit 7 of
Destination
TBLS/TBLU
<ea>, Dn
Dym : Dyn, Dn
8, 16, 32
Dyn
− Dym ⇒ Temp
(Temp
∗ Dn [7 : 0]) ⇒ Temp
(Dym
∗ 256) + Temp ⇒ Dn
TBLSN/TBLUN
<ea>, Dn
Dym : Dyn, Dn
8, 16, 32
Dyn
− Dym ⇒ Temp
(Temp
∗ Dn [7 : 0]) / 256 ⇒ Temp
Dym
+ Temp ⇒ Dn
TRAP
#<data>
none
SSP
− 2 ⇒ SSP; format/vector offset ⇒ (SSP);
SSP
− 4 ⇒ SSP; PC ⇒ (SSP); SR ⇒ (SSP);
vector address
⇒ PC
TRAPcc
none
#<data>
none
16, 32
If cc true, then TRAP exception
TRAPV
none
none
If V set, then overflow TRAP exception
TST
<ea>
8, 16, 32
Source
− 0, to set condition codes
UNLK
An
32
An
⇒ SP; (SP) ⇒ An, SP + 4 ⇒ SP
Table 33 Instruction Set Summary (Continued)
Instruction
Syntax
Operand Size
Operation
MSW
LSW
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com