Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPMC68CK338CPV14 Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # SPMC68CK338CPV14
Description  32-Bit Modular Microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMC68CK338CPV14 Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button SPMC68CK338CPV14 Datasheet HTML 63Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 64Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 65Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 66Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 67Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 68Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 69Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 70Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 133 page
background image
MC68CK338
MOTOROLA
MC68CK338TS/D
67
CPOL — Clock Polarity
0 = The inactive state value of SCK is logic level zero.
1 = The inactive state value of SCK is logic level one.
CPOL is used to determine the inactive state value of the serial clock (SCK). It is used with CPHA to
produce a desired clock/data relationship between master and slave devices.
CPHA — Clock Phase
0 = Data is captured on the leading edge of SCK and changed on the following edge of SCK.
1 = Data is changed on the leading edge of SCK and captured on the following edge of SCK.
CPHA determines which edge of SCK causes data to change and which edge causes data to be cap-
tured. CPHA is used with CPOL to produce a desired clock/data relationship between master and slave
devices. CPHA is set at reset.
SPBR[7:0] — Serial Clock Baud Rate
The QSPI uses a modulus counter to derive SCK baud rate from the MCU system clock. Baud rate is
selected by writing a value from 2 to 255 into the SPBR[7:0] field. The following equation determines
the SCK baud rate:
or
Giving SPBR[7:0] a value of zero or one disables the baud rate generator. SCK is disabled and as-
sumes its inactive state value. No serial transfers occur. At reset, baud rate is initialized to one eighth
of the system clock frequency.
SPCR1 contains parameters for configuring the QSPI before it is enabled. The CPU can read and write
this register, but the QSM has read access only, except for SPE, which is automatically cleared by the
QSPI after completing all serial transfers, or when a mode fault occurs.
SPE — QSPI Enable
0 = QSPI is disabled. QSPI pins can be used for general-purpose I/O.
1 = QSPI is enabled. Pins allocated by PQSPAR are controlled by the QSPI.
DSCKL[6:0] — Delay before SCK
When the DSCK bit in command RAM is set, this field determines the length of delay from PCS valid to
SCK transition. PCS can be any of the four peripheral chip-select pins. The following equation deter-
mines the actual delay before SCK:
where DSCKL[6:0] equals {1, 2, 3,..., 127}.
When the DSCK value of a queue entry equals zero, then DSCKL[6:0] is not used. Instead, the PCS
valid-to-SCK transition is one-half SCK period.
SPRC1 — QSPI Control Register 1
$YFFC1A
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SPE
DSCKL[6:0]
DTL[7:0]
RESET:
0
0
0
0
0
1
0
0
0
0
0
0
0
1
0
0
SCK Baud Rate
System Clock
2
SPBR[7:0]
×
-------------------------------------
=
SPBR[7:0]
System Clock
2
SCK
×
Baud Rate Desired
--------------------------------------------------------------------------
=
PCS to SCK Delay
DSCKL[6:0]
System Clock
------------------------------------
=
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com