Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPMC68CK338CPV14 Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # SPMC68CK338CPV14
Description  32-Bit Modular Microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMC68CK338CPV14 Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button SPMC68CK338CPV14 Datasheet HTML 43Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 44Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 45Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 46Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 47Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 48Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 49Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 50Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 133 page
background image
MC68CK338
MOTOROLA
MC68CK338TS/D
47
A. The CPU finishes higher priority exception processing or reaches an instruction boundary.
B. The processor state is stacked. The S bit in the status register is set, establishing supervisor
access level, and bits T1 and T0 are cleared, disabling tracing.
C. The interrupt acknowledge cycle begins:
1.
FC[2:0] are driven to %111 (CPU space) encoding.
2.
The address bus is driven as follows: ADDR[23:20] = %1111; ADDR[19:16] = %1111,
which indicates that the cycle is an interrupt acknowledge CPU space cycle; ADDR[15:4]
= %111111111111; ADDR[3:1] = the priority of the interrupt request being acknowledged;
and ADDR0 = %1.
3.
The request level is latched from the address bus into the interrupt priority mask field in the
status or condition code register.
D. Modules that have requested interrupt service decode the priority value on ADDR[3:1]. If
request priority is the same as acknowledged priority, arbitration by IARB contention takes
place.
E. After arbitration, the interrupt acknowledge cycle is completed in one of the following ways:
1.
When there is no contention (IARB = %0000), the spurious interrupt monitor asserts BERR,
and the CPU generates the spurious interrupt vector number.
2.
The dominant interrupt source supplies a vector number and DSACK signals appropriate
to the access. The CPU acquires the vector number.
3.
The AVEC signal is asserted (the signal can be asserted by the dominant interrupt source
or the pin can be tied low), and the CPU generates an autovector number corresponding
to interrupt priority.
4.
The bus monitor asserts BERR and the CPU32L generates the spurious interrupt vector
number.
F. The vector number is converted to a vector address.
G. The content of the vector address is loaded into the PC, and the processor transfers control to
the exception handler routine.
3.10 Factory Test Block
The test submodule supports scan-based testing of the various MCU modules. It is integrated into the
SIML to support production testing.
Test submodule registers are intended for Motorola use. Register names and addresses are provided
to indicate that these addresses are occupied.
SIMLTR — System Integration Module Test Register
$YFFA02
SIMLTRE — System Integration Module Test Register (E Clock)
$YFFA08
TSTMSRA — Master Shift Register A
$YFFA30
TSTMSRB — Master Shift Register B
$YFFA32
TSTSC — Test Module Shift Count
$YFFA34
TSTRC — Test Module Repetition Count
$YFFA36
CREG — Test Module Control Register
$YFFA38
DREG — Test Module Distributed Register
$YFFA3A
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com