Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPMC68CK338CPV14 Datasheet(PDF) 104 Page - Freescale Semiconductor, Inc

Part # SPMC68CK338CPV14
Description  32-Bit Modular Microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMC68CK338CPV14 Datasheet(HTML) 104 Page - Freescale Semiconductor, Inc

Back Button SPMC68CK338CPV14 Datasheet HTML 100Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 101Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 102Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 103Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 104Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 105Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 106Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 107Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 108Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 133 page
background image
MOTOROLA
MC68CK338
104
MC68CK338TS/D
6.11 Real-Time Clock Submodule (RTCSM) with Low-Power Oscillator
The real -ime clock submodule provides a real-time clock independent of other CTM6 submodules. This
time counter is driven by a dedicated low frequency oscillator (32.768 kHz) for low power consumption.
The RTCSM contains a 15-bit prescaler and a 32-bit free-running counter, from which seconds, min-
utes, hours and days can be determined. The RTCSM can also generate interrupts at one second
intervals. The low-power oscillator, prescaler, and counter portions of the RTCSM may be sustained by
a separate power supply (VRTC) for battery backup when VDD is off. The RTCSM and the low-power
oscillator can be disabled for minimum power consumption on VRTC when VDD is powered off. This is
useful for maximizing the shelf life of the standby battery. Refer to 6.14 RTCSM and RAMSM Standby
Operation for more information.
One RTCSM is contained in the CTM6. Figure 24 shows a block diagram of the RTCSM.
Table 64 DASMB Operations
Mode
DASMB Operation
DIS
DASMB can be accessed to prepare a value for a subsequent mode selection. In this mode, register
B1 is accessed in order to prepare a value for the OPWM mode. Unused register B2 is hidden and
cannot be read, but is written with the same value when register B1 is written.
IPWM
DASMB contains the captured value corresponding to the trailing edge of the measured pulse. In this
mode, register B2 is accessed. Buffer register B1 is hidden and cannot be accessed.
IPM
DASMB contains the captured value corresponding to the most recently detected user-specified rising
or falling edge. In this mode, register B2 is accessed. Buffer register B1 is hidden and cannot be
accessed.
IC
DASMB contains the captured value corresponding to the most recently detected user-specified rising
or falling edge. In this mode, register B2 is accessed. Buffer register B1 is hidden and cannot be
accessed.
OCB
DASMB is loaded with the value corresponding to the trailing edge of the pulse to be generated. Writing
to DASMB in the OCB and OCAB modes also enables the corresponding channel B comparator until
the next successful comparison. In this mode, register B2 is accessed. Buffer register B1 is hidden and
cannot be accessed.
OCAB
DASMB is loaded with the value corresponding to the trailing edge of the pulse to be generated. Writing
to DASMB in the OCB and OCAB modes also enables the corresponding channel B comparator until
the next successful comparison. In this mode, register B2 is accessed. Buffer register B1 is hidden and
cannot be accessed.
OPWM
DASMB is loaded with the value corresponding to the trailing edge of the PWM pulse to be generated.
In this mode, register B1 is accessed. Buffer register B2 is hidden and cannot be accessed
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com