Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F7X7 Datasheet(PDF) 189 Page - Microchip Technology

Part # PIC16F7X7
Description  28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F7X7 Datasheet(HTML) 189 Page - Microchip Technology

Back Button PIC16F7X7 Datasheet HTML 185Page - Microchip Technology PIC16F7X7 Datasheet HTML 186Page - Microchip Technology PIC16F7X7 Datasheet HTML 187Page - Microchip Technology PIC16F7X7 Datasheet HTML 188Page - Microchip Technology PIC16F7X7 Datasheet HTML 189Page - Microchip Technology PIC16F7X7 Datasheet HTML 190Page - Microchip Technology PIC16F7X7 Datasheet HTML 191Page - Microchip Technology PIC16F7X7 Datasheet HTML 192Page - Microchip Technology PIC16F7X7 Datasheet HTML 193Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 276 page
background image
 2004 Microchip Technology Inc.
DS30498C-page 187
PIC16F7X7
REGISTER 15-4:
WDTCON: WATCHDOG TIMER CONTROL REGISTER (ADDRESS 105h)
TABLE 15-6:
SUMMARY OF WATCHDOG TIMER REGISTERS
U-0
U-0
U-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
WDTPS3
WDTPS2
WDTPS1 WDTPS0 SWDTEN
bit 7
bit 0
bit 7-5
Unimplemented: Read as ‘0’
bit 4-1
WDTPS<3:0>: Watchdog Timer Period Select bits
0000
= 1:32 Prescale rate
0001
= 1:64 Prescale rate
0010
= 1:128 Prescale rate
0011
= 1:256 Prescale rate
0100
= 1:512 Prescale rate
0101
= 1:1024 Prescale rate
0110
= 1:2048 Prescale rate
0111
= 1:4096 Prescale rate
1000
= 1:8192 Prescale rate
1001
= 1:16394 Prescale rate
1010
= 1:32768 Prescale rate
1011
= 1:65536 Prescale rate
1100
= 1:1 Prescale rate
bit 0
SWDTEN: Software Enable/Disable for Watchdog Timer bit(1)
1
= WDT is turned on
0
= WDT is turned off
Note 1: If WDTEN configuration bit = 1, then WDT is always enabled irrespective of this
control bit. If WDTEN configuration bit = 0, then it is possible to turn WDT on/off with
this control bit.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
81h, 181h OPTION_REG RBPU INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111 1111 1111
2007h
Configuration
bits(1)
BORV0 BOREN MCLRE FOSC2 PWRTEN WDTEN
FOSC1
FOSC0
1111 1111 1111 1111
105h
WDTCON
WDTPS3 WDTPS2 WSTPS1 WDTPS0 SWDTEN ---0 1000 ---0 1000
Legend:
Shaded cells are not used by the Watchdog Timer.
Note
1:
See Register 15-1 for operation of these bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com