Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2401AVBA0ES Datasheet(PDF) 16 Page - NXP Semiconductors

Part # MFS2401AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVBA0ES Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button MFS2401AVBA0ES Datasheet HTML 12Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 13Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 14Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 15Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 16Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 17Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 18Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 19Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
7.3 INIT state machine
From any
Mx state
VBOS < VBOS_por
Or VDIG < VDIG_por
Or VDIG > VDIG_ov
VBOS > VBOS_por
And VDIG > VDIG_por
And VDIG < VDIG_ov
Go2INIT = 1
And Mode = NORMAL (M9)
Legend: Green: Safety related device action, Black: Device state
Cyclic CRC check disabled
INIT registers unlocked
WD infinite period writing unlocked
Cyclic CRC check enabled
INIT registers locked
WD infinite period writing locked
WD_OK
INIT_1
INIT state
INIT_0
POR
aaa-046837
Figure 9. Simplified INIT state diagram
At power-on reset (POR), the device is automatically in INIT state. In this state, the INIT registers (FS_I_xxxxx)
are available for writing and configuring the device safety features and reactions. The cyclic CRC check that
protects these registers is disabled. Also in this mode, the watchdog period can be configured as infinite, which
is equivalent to disabling the watchdog, for MCU programming for example. See Section 7.6.
Initialization should be done within 256 ms after RSTB release to avoid watchdog errors. Initialization
phase is closed by first correct watchdog refresh. The INIT registers, as well as the infinite watchdog period
configuration, are then protected against write access. The cyclic CRC check on the INIT registers is activated,
and occurs every 5 ms.
The INIT state can be accessed again from Normal mode by sending a GO2INIT request by SPI.
The device will not enter the INIT state again when waking up from LPON or LPOFF states, or when restarting
from Fail-safe state.
Note: If the device goes in LPON or LPOFF or Fail-safe mode while in INIT state, the device stays in INIT
state, which can lead to misconfiguration of the device. It is recommended to read the INIT_S status bit in
M_STATUS register before going to LPON or LPOFF mode, and to go only if the device is no longer in INIT
state.
7.4 Power sequencing
V1 is the first regulator to start automatically in SLOT_0, then V3 regulator and HVIO1 (if configured) start
following the OTP power sequencing configuration. Three slots are available, from SLOT_0 to SLOT_2, to
program the startup sequence of V3 regulator, as well as HVIO1 release or assertion. A power-up slot (Tslot)
lasts at least 500 µs. If V1 configured soft-start is longer than 500 µs, SLOT_0 will end once V1 soft-start is
done.
The power-up sequence starts at SLOT_0 toward SLOT_2. The power-down sequence is executed in reverse
order, starting at SLOT_2 toward SLOT_0.
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
16 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com