Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2401AVBA0ES Datasheet(PDF) 17 Page - NXP Semiconductors

Part # MFS2401AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVBA0ES Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button MFS2401AVBA0ES Datasheet HTML 13Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 14Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 15Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 16Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 17Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 18Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 19Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 20Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
All regulators not assigned in any slot are not started during the power-up sequence. These regulators can be
started later when the main state machine is in Normal mode with an SPI command to write in M_REG_CTRL
register if they were enabled by OTP.
When waking from LPON mode, the TSLOT timer can be skipped from SLOT_0 to SLOT_1 and from SLOT_2
to Normal mode by setting the SLOT_BYP bit to 1. During the power-down sequence, when the SLOT_BYP bit
is set to 1, the TSLOT timer between SLOT_2 and SLOT_1 will be bypassed, as well.
aaa-046838
Power up
Power down
From
WAIT VSUP
To
NORMAL
SLOT_0
VSUP > VSUP_UV
(TSLOT or SLOT_BYP) and
V1 Soft-Start/DVS done
TSLOT
TSLOT
SLOT_BYP = 1
SLOT_1
SLOT_2
SLOT_BYP = 1
From
NORMAL
To
LPON
To
LPOFF
SLOT_2
Go2LPON = 1 or Go2LPOFF = 1
TSLOT_DOWN
TSLOT_DOWN
2 ms
TRAMP_DOWN_V1 +
TBOS2V1
TBOS2V1 = 10 µs if VBOS2V1_SW_LP_EN_OTP = 0
TBOS2V1 = 1 ms if VBOS2V1_SW_LP_EN_OTP = 1
Here SLOT_BYP = 1 is only applicable when
waking up from LPON
SLOT_1
SLOT_0
Figure 10. Power sequencing
 
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
17 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com