Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2401AVBA0ES Datasheet(PDF) 61 Page - NXP Semiconductors

Part # MFS2401AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVBA0ES Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button MFS2401AVBA0ES Datasheet HTML 57Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 58Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 59Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 60Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 61Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 62Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 63Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 64Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
When the watchdog is disabled (for example, RSTb event or transition to LPON with WD_DIS_LPON = 1), the
watchdog configuration is reset as it would be after a POR. The watchdog token is set to 0x5AB2,the window
period is set to 256 ms, and the watchdog type is set to timeout watchdog.
WDW_PERIOD[3:0]
Watchdog window period
0000
DISABLE (infinite open window)
0001
1 ms
0010
2 ms
0011
4 ms
0100
8 ms
0101
16 ms
0110
32 ms
0111
64 ms
1000
128 ms
1001 (default)
256 ms
1010
512 ms
0011
1024 ms
1100
2048 ms
1101
4096 ms
1110
8192 ms
1111
16384 ms
Table 26. Watchdog window period configuration
19.2.1 Watchdog selection
Two types of watchdog monitoring, timeout and window watchdog, are implemented and can be selected and
changed during operation by SPI using WDW_EN bit.
WDW_EN
Watchdog type selection
0
Timeout watchdog (default)
1
Window watchdog
Table 27. Watchdog type configuration
19.2.1.1 Timeout watchdog
The timeout watchdog is the default configuration at start up. In this mode, the watchdog period is considered
fully open, and the MCU writes the correct value in WD_ANSWER register before the period ends. If the answer
is wrong, or if the answer is not sent before the watchdog timer overflows, the WD error counter is incremented
and WD_NOK_I flag is set to 1.
19.2.1.2 Window watchdog
The window watchdog can be enabled by SPI by setting WDW_EN bit at 1. In this mode, the watchdog period
is divided in two. The first half is said closed and the second is said open. The MCU writes the correct value
in WD_ANSWER register during the open window. If the answer is wrong, or if the answer is sent during
the closed window, or if the answer is not sent before the watchdog timer overflows, the WD error counter is
incremented and WD_NOK_I flag is set to 1.
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
61 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com