Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2401AVBA0ES Datasheet(PDF) 58 Page - NXP Semiconductors

Part # MFS2401AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVBA0ES Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button MFS2401AVBA0ES Datasheet HTML 54Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 55Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 56Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 57Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 58Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 59Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 60Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 61Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
TA = –40 °C to 115 °C, unless otherwise specified. VSUP = 5.5 V to 40 V, unless otherwise specified. VVCC5CAN = 4.5 to 5.5 V, unless
otherwise specified. VDDIO = 1.8 V to 5.5 V, unless otherwise specified. All voltages referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
CAN bus differential output voltage, Active mode, dominant state,
VVCC5CAN = 4.75 V to 5.5 V, RL = 50 Ω to 65 Ω
1.5
2
3
V
CAN bus differential output voltage, Active mode, dominant state,
VVCC5CAN = 4.75 V to 5.5 V, RL = 45 Ω to 75 Ω
1.4
2
3.3
V
VCAN_OUT_DIFF_DOM
CAN bus differential output voltage, Active mode, dominant state,
VVCC5CAN = 4.75 V to 5.5 V, RL = 2240 Ω
1.5
-
5
V
VCAN_OUT_DIFF_REC
CAN bus differential output voltage, ACTIVE mode and recessive
state, or Listen-only mode, or Wake capable mode, bus biasing active
VVCC5CAN = 4.75 V to 5.5 V, no load, C1 = C2 = CCANRXD = 0 pF
-50
-
50
mV
VCAN_OUT_DIFF_REC CAN bus differential output voltage, Wake-capable mode, recessive
state, no load
-0.2
0
0.2
V
VCAN_OUT_REC_ACT
CAN recessive output voltage, Active mode, no load
2
-
3
V
VCAN_OUT_REC_WC
CAN recessive output voltage, Wake-capable mode, no load
-0.1
0
0.1
V
VCAN_OUT_REC_LO
CAN recessive output voltage, Listen-only mode, no load,
VVCC5CAN = 0 V
2
2.5
3
V
VCAN_IN_DIFF
CAN differential receiver threshold voltage, Active or Listen-only mode
0.5
0.8
0.9
V
VCAN_IN_DIFF_LP
CAN differential low power receiver threshold voltage, Wake-capable
mode
0.4
0.7
1.15
V
VCAN_IN_DIFF_HYST
CAN differential receiver hysteresis voltage, Active or Listen-only
mode
50
200
400
mV
CAN dominant state differential input voltage range, Active or Listen-
only mode,
VCANH = -12 V to 12 V, VCANL = -12 V to 12 V
-4
-
0.5
V
VCAN_IN_DIFF_REC
CAN dominant state differential input voltage range, no biasing, VCANH
= -12 V to 12 V, VCANL = -12 V to 12 V
-4
-
0.4
V
CAN dominant state differential input voltage range, Active or Listen-
only mode,
VCANH = -12 V to 12 V, VCANL = -12 V to 12 V
0.9
-
9
V
VCAN_IN_DIFF_DOM
CAN dominant state differential input voltage range, no biasing, VCANH
= -12 V to 12 V, VCANL = -12 V to 12 V
1.1
-
9
V
RCAN_IN_CM
CAN common mode input resistance, Active mode
VCANH = -2 V to 7 V, VCANL = -2 V to 7 V
6
-
50
kΩ
RCAN_IN_DIFF
CAN differential input resistance
VCANH = -2 V to 7 V, VCANL = -2 V to 7 V
12
100
kΩ
∆RCAN_IN
CAN input resistance deviation
VCANH = VCANL = 5 V
-3
-
3
%
CCAN_IN_CM
CAN Common mode input capacitance
-
-
20
pF
CCAN_IN_DIFF
CAN differential input capacitance
-
-
10
pF
ICANH_OUT_SC
CANH short circuit output current, Active mode, dominant state,
VVCC5CAN =5 V, VCANH = -15 V to 40 V
-115
-
-
mA
ICANL_OUT_SC
CANL short circuit output current, Active mode, dominant state,
VVCC5CAN = 5 V, VCANL = -15 V to 40 V
-
-
115
mA
ICAN_OUT_REC
CAN recessive output current, recessive state,
VCANH = VCANL = -27 V to 32 V
-3
-
3
mA
Table 25. CAN FD transceiver characteristics...continued
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
58 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com