Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2401AVBA0ES Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MFS2401AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVBA0ES Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MFS2401AVBA0ES Datasheet HTML 7Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 8Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 9Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 10Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 11Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 12Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 13Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 14Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
6 Pinning information
6.1 Pinning
aaa-046833
WAKE3/HID1
1
24
23
22
21
20
19
18
17
LIMP0/GPO
BOOT
V1_IN
V1_SW
PGND
EXPOSED PAD
INTB
RSTB
CSB
V3_IN
2
V3
3
VCC5CAN
4
CANH
5
CANL
6
GNDCAN
7
HVIO1
8
27 26 25
32 31 30 29 28
13 14 15 16
9 10 11 12
Figure 6. FS2400 pin configuration
aaa-046834
Power management
Communication
Safety
Other
Figure 7. FS2400 pin configuration legend
6.2 Pin description
Pin
Pin name
Type
Description
1
WAKE3/HID1
Analog input
Wake-up input 3 / Hardware ID 1
2
V3_IN
Analog input
V3 regulator input voltage
3
V3
Analog output
V3 regulator output voltage
4
VCC5CAN
Analog input
CAN input supply pin
5
CANH
Analog input/output
CAN bus. CAN High
6
CANL
Analog input/output
CAN bus. CAN Low
7
GNDCAN
Ground
CAN bus ground
8
HVIO1
Digital input/output
High-voltage IO 1, with wake-up capability
9
CANTXD
Digital input
Transceiver input from the MCU, which controls the state of the CAN bus.
10
CANRXD
Digital output
Receiver output, which reports the state of the CAN bus to the MCU.
11
DEBUG
Analog input
Debug mode entry and OTP input supply
12
VDIG
Analog output
Internal digital supply
13
GND_IO
Ground
IOs ground connection
Table 3. Pin description
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
11 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com