Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2401AVBA0ES Datasheet(PDF) 35 Page - NXP Semiconductors

Part # MFS2401AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVBA0ES Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button MFS2401AVBA0ES Datasheet HTML 31Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 32Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 33Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 34Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 35Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 36Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 37Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 38Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
TA = –40 °C to 115 °C, unless otherwise specified. VBUCK + VHDR < V1_IN pin voltage < 36 V, unless otherwise specified. All voltages referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
tBUCK_SS
Soft-start from 10 % to 90 %
BUCK_SS_OTP[1:0] = 00
BUCK_SS_OTP[1:0] = 01
BUCK_SS_OTP[1:0] = 10
BUCK_SS_OTP[1:0] = 11
200
431
873
1753
269
538
1077
2150
410
645
1281
2547
µs
tBUCK_DVS
DVS slope from 10 % to 90 % of the difference between initial and
final voltage, at VV1_BUCK_RANGE_OTP = 1 (values are multiplied
by 2 for VV1_BUCK_RANGE_OTP = 0)
BUCK_LP_DVS_OTP[1:0] = 00
BUCK_ LP_DVS _OTP[1:0] = 01
BUCK_ LP_DVS _OTP[1:0] = 10
BUCK_ LP_DVS _OTP[1:0] = 11
9
4.5
2.2
1.1
11.25
5.6
2.8
1.4
13.5
6.8
3.4
1.7
mV/µs
VBUCK_LINE_REG_PWM
Transient line in PWM mode
VSUP = 6 V - 18 V - 6 V and 14 V - 35 V - 14 V
IBUCK = 1 mA and 400 mA
dv/dt= 100 mV/µs
FSW_BUCK = 450 kHz:
LV1_BUCK = 22 μH, COUT_BUCK = 40 μF
FSW_BUCK = 2.2 MHz :
LV1_BUCK = 4.7 μH, COUT_BUCK = 10 μF
-3
-
3
%
VBUCK_LINE_REG_DO
Transient line after dropout exit VSUP = VBUCK - 0.4 V to 14 V
IBUCK = 1 mA and 400 mA
dv/dt= 200 mV/µs,
FSW_BUCK = 450 kHz :
LV1_BUCK = 22 μH, COUT_BUCK = 40 μF
FSW_BUCK = 2.2 MHz :
LV1_BUCK = 4.7 μH, COUT_BUCK = 10 μF
-3
-
3
%
VBUCK_LOTR_PWM
Transient load response in PWM mode
1mA to 200 mA step
di/dt = 300 mA/µs
FSW_BUCK = 450 kHz :
LV1_BUCK = 22 μH, COUT_BUCK = 40 μF
FSW_BUCK = 2.2 MHz :
LV1_BUCK = 4.7 μH, COUT_BUCK = 10 μF
-3
-
3
%
VBUCK_LOTR_PFM
Transient load response in PFM mode
0.1mA to 100 mA step di/dt = 100 mA/µs,
FSW_BUCK = 450 kHz :
LV1_BUCK = 22 μH, COUT_BUCK = 40 μF
FSW_BUCK = 2.2 MHz :
LV1_BUCK = 4.7 μH, COUT_BUCK = 10 μF
-3
-
3
%
FSW_BUCK
Operating frequency in PWM mode
BUCK_CLK_OTP = 0
BUCK_CLK_OTP = 1
405
2.025
450
2.25
495
2.475
kHz
MHz
tBUCKHS_SLR
High-Side FET rising slew rate
BUCK_SRHSON_OTP[2:0] = 000 (for 450 kHz only)
BUCK_SRHSON_OTP[2:0] = 001 (for 450 kHz only)
BUCK_SRHSON_OTP[2:0] = 010 (for 450 kHz only)
BUCK_SRHSON_OTP[2:0] = 011
BUCK_SRHSON_OTP[2:0] = 100
BUCK_SRHSON_OTP[2:0] = 101
BUCK_SRHSON_OTP[2:0] = 110
BUCK_SRHSON_OTP[2:0] = 111
10
10
7
4.1
3
2.5
1.5
0.5
20
20
15
10
6.3
5
3
2
32
32
23.7
15
12
10
6
4
ns
tBUCKHS_SLF
High-Side FET falling slew rate
BUCK_SRHSOFF_OTP[1:0] = 00 (for 450 kHz only)
BUCK_SRHSOFF_OTP[1:0] = 01 (for 450 kHz only)
BUCK_SRHSOFF_OTP[1:0] = 10
BUCK_SRHSOFF_OTP[1:0] = 11
13
10
6.4
2.5
20
15
10
5
29
21.5
14
9
ns
Table 13. Electrical characteristics...continued
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
35 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com