Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2401AVBA0ES Datasheet(PDF) 64 Page - NXP Semiconductors

Part # MFS2401AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVBA0ES Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button MFS2401AVBA0ES Datasheet HTML 60Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 61Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 62Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 63Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 64Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 65Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 66Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 67Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
aaa-046858
WD refresh OK
WD refresh OK
WD refresh OK
WD refresh OK
WD refresh OK
0
1
2
3
4
5
6
WD refresh OK
WD Refresh NOT OK /
WD_OFF
WD refresh NOT OK /
WD_OFF
WD refresh NOT OK /
WD_OFF
WD refresh NOT OK /
WD_OFF / WD refresh OK
WD refresh NOT OK /
WD_OFF / WD refresh OK
WD refresh NOT OK /
WD_OFF / WD refresh OK
WD refresh OK
WD refresh OK
WD refresh OK
WD refresh OK
0
1
2
3
4
WD refresh OK
WD refresh OK
0
1
2
WD_RFR_LIMIT = 10
WD_RFR_LIMIT = 01
WD refresh NOT OK /
WD_OFF / WD refresh OK
WD refresh NOT OK /
WD_OFF
WD_RFR_LIMIT = 00
WD refresh NOT OK /
WD_OFF
WD refresh NOT OK /
WD_OFF
WD refresh NOT OK /
WD_OFF
WD refresh OK
0
1
WD_RFR_LIMIT = 11
Figure 41. Watchdog refresh counter configurations
19.2.4 Watchdog error impact
When the watchdog error counter reaches its maximum value, in Normal mode or in LPON mode, the fail-safe
reaction on RSTB or LIMP0 is configurable with the WD_RSTB/LIMP0_IMPACT bits during the INIT phase. If it
happens in LPON mode, the device also wakes up.
WD_RSTB/LIMP0_IMPACT
WD impact on RSTB/LIMP0
0
No effect on the pin
1 (default)
The pin RSTB/LIMP0 is asserted
Reset condition
POR
Table 31. Watchdog error impact configuration
19.2.5 Watchdog electrical characteristics
TA = –40 °C to 115 °C, unless otherwise specified. VSUP = 5.5 V to 40 V, unless otherwise specified. All voltages referenced to ground.
Symbol
Parameter
Min
Typ
Max
Unit
Watchdog
WDPER_ACC
Watchdog period accuracy
-10
-
10
%
WDDUTY_CYCLE
Window watchdog duty cycle
47.5
50
52.5
%
Table 32. Watchdog electrical characteristics
19.3 Voltage supervisor
The voltage supervisor is in charge of overvoltage and undervoltage monitoring of all the supply generated by
the FS24, Vx (x = 1, 3), and of VMON_EXT input pin. When an overvoltage occurs on an FS24 regulator, the
regulator is switched off until the fault is removed. The overvoltage monitoring is activated before the power-up
slots start. The undervoltage monitoring is activated once the device is in Normal mode. UV/OV flags are then
reported accordingly. VMON0 monitoring on VMON_EXT pin is enabled by OTP (V0MON_EN_OTP).
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
64 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com