Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2401AVBA0ES Datasheet(PDF) 54 Page - NXP Semiconductors

Part # MFS2401AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVBA0ES Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button MFS2401AVBA0ES Datasheet HTML 50Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 51Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 52Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 53Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 54Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 55Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 56Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 57Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
18 Physical layer
18.1 CAN FD transceiver
FS24 device includes an integrated CAN FD transceiver, 5 Mbps capable, developed in compliance with the
ISO 11898-2:2016 and SAE J2284 standards. The CAN FD transceiver is compliant with SAE J2962-2 (2019)
and IEC 62228-3 (2019) for EMC performances. It provides the physical interface between the CAN protocol
controller of an MCU and the physical CAN bus.
The CAN FD transceiver bus driver is meant to be supplied through VCC5CAN pin. The CAN can be supplied
by V1 or by V3.
aaa-046851
wk
VDIG
VDDIO
TX
RX
VDIG
VCC5CAN
V3
CANH
CCANH
CCANL
C2
C1
RL/2
RL/2
CANL
CANFD
Optional
VDIG_UP
WAKE
Figure 34. CAN FD transceiver internal diagram, with external components
18.1.1 CAN operating modes
The CAN transceiver has four modes:
• Off
• Wake-capable
• Listen-only
• Active
The Listen-only and Active modes are only available when the device is in Normal mode. In Low-power modes,
the transceiver can be kept in Wake-capable mode in order to be used as a wake-up source for the device and
the module.
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
54 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com