Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2401AVBA0ES Datasheet(PDF) 36 Page - NXP Semiconductors

Part # MFS2401AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVBA0ES Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button MFS2401AVBA0ES Datasheet HTML 32Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 33Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 34Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 35Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 36Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 37Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 38Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 39Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
TA = –40 °C to 115 °C, unless otherwise specified. VBUCK + VHDR < V1_IN pin voltage < 36 V, unless otherwise specified. All voltages referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
tBUCKHS_ON_2M2_3V3
High-Side FET ON time in PFM mode, VBUCK = 3.3 V, VBUCK_IN
= 12 V, FSW_BUCK = 2.25 MHz
BUCK_PFM_TON_OTP[1:0] = 00
BUCK_PFM_TON_OTP[1:0] = 01
BUCK_PFM_TON_OTP[1:0] = 10
BUCK_PFM_TON_OTP[1:0] = 11
129
165
204
243
162
209
257
305
196
253
310
367
ns
tBUCKHS_ON_450k_3V3
High-Side FET ON time in PFM mode, VBUCK = 3.3 V, VBUCK_IN
= 12 V, FSW_BUCK = 450 kHz
BUCK_PFM_TON_OTP[1:0] = 00
BUCK_PFM_TON_OTP[1:0] = 01
BUCK_PFM_TON_OTP[1:0] = 10
BUCK_PFM_TON_OTP[1:0] = 11
687
858
1026
1195
820
1023
1221
1422.5
953
1188
1426
1650
ns
tBUCKHS_ON_2M2_5V
High-Side FET ON time in PFM mode, VBUCK = 5 V, VBUCK_IN =
12 V, FSW_BUCK = 2.25 MHz
BUCK_PFM_TON_OTP[1:0] = 00
BUCK_PFM_TON_OTP[1:0] = 01
BUCK_PFM_TON_OTP[1:0] = 10
BUCK_PFM_TON_OTP[1:0] = 11
160
205
254
303
205
263
324
386
250
322
395
469
na
tBUCKHS_ON_450k_5V
High-Side FET ON time in PFM mode, VBUCK = 5 V, VBUCK_IN =
12 V, FSW_BUCK = 450 kHz
BUCK_PFM_TON_OTP[1:0] = 00
BUCK_PFM_TON_OTP[1:0] = 01
BUCK_PFM_TON_OTP[1:0] = 10
BUCK_PFM_TON_OTP[1:0] = 11
842
1050
1255
1465
1021
1272.5
1632.5
1772.5
1200
1495
2010
2080
ns
tBUCKHS_OFF
High-Side FET OFF time in PFM mode
FSW_BUCK = 2.25 MHz
BUCK_PFM_TOFF_OTP[1:0] = 00
BUCK_PFM_TOFF_OTP[1:0] = 01
BUCK_PFM_TOFF_OTP[1:0] = 10
BUCK_PFM_TOFF_OTP[1:0] = 11
FSW_BUCK = 450 kHz
BUCK_PFM_TON_OTP[1:0] = 00
BUCK_PFM_TON_OTP[1:0] = 01
BUCK_PFM_TON_OTP[1:0] = 10
BUCK_PFM_TON_OTP[1:0] = 11
 
85
160
230
300
 
380
730
1070
1420
 
130
250
360
475
 
605
1170
1725
2285
195
360
525
695
890
1700
2520
3340
ns
External components
Nominal inductor for FSW_BUCK = 450 kHz (± 30 % tolerance)
15
22
33
µH
L_BUCK
Nominal inductor for FSW_BUCK = 2.25 MHz (± 30 % tolerance)
3.3
4.7
5.5
µH
CIN_BUCK
Nominal input capacitor
4.7
10
-
µF
CBOOT_BUCK
Nominal[1] bootstrap capacitor
-
22
-
nF
COUT_BUCK_450k_3V3
Effective[2] output capacitor for FSW_BUCK = 450 kHz, VBUCK = 3.3 V
25
50
100
µF
COUT_BUCK_450k_5V
Effective[2] output capacitor for FSW_BUCK = 450 kHz, VBUCK = 5 V
25
40
100
µF
COUT_BUCK_2M2_3V3
Effective[2] output capacitor for FSW_BUCK = 2.2 MHz, VBUCK = 2
- 3.3 V
6.5
10
30
µF
COUT_BUCK_2M2_5V
Effective[2] output capacitor for FSW_BUCK = 2.2 MHz, VBUCK = 5
V
13
20
40
µF
Oscillator and spread spectrum
F20MHz
HVBUCK oscillator nominal frequency
19
20
21
Mhz
FSSMOD
Spread-spectrum frequency modulation
-
19
-
kHz
FSSRANGE
Spread-spectrum range
-10
-
10
%
Table 13. Electrical characteristics...continued
[1]
For all regulators, the nominal capacitor value is the capacitor value normalized
[2]
For all regulators, the effective capacitor value is the capacitor value after Tolerance, DC bias and Aging removal.
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
36 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com