Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2401AVBA0ES Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MFS2401AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVBA0ES Datasheet(HTML) 5 Page - NXP Semiconductors

  MFS2401AVBA0ES Datasheet HTML 1Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 2Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 3Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 4Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 5Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 6Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 7Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 8Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
4 Ordering information
This section describes the part numbers available to be purchased along with their main differences. It also
describes how the part number reference is built.
4.1 Part numbers definition
Figure 1 describes how the FS24 part numbers are built.
aaa-050368
High voltage power
management
Family
FS
FS
Core
Family
240 Y
2400-
2401
Production
Release type
P
M
Customer special
S
ASIL level
Z
QM level
M
Fit for ASIL B
B
LDT
Y
No
0
Yes
1
Pre-release
P
QM level
ASIL level
Z
M
ASIL level
B
Initial release
Release version
A
A
-40 °C to 115 °C
Release type
V
V
As required
B-Z
No OTP
Funct. or param.
variant
ZZ
Unique part
indentification
A1-
ZZ
A0
QFN32EP
Package
ES
ES
Figure 1. FS24 product numbering scheme
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
5 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com