Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2401AVBA0ES Datasheet(PDF) 42 Page - NXP Semiconductors

Part # MFS2401AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVBA0ES Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button MFS2401AVBA0ES Datasheet HTML 38Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 39Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 40Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 41Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 42Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 43Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 44Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 45Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
Channel
AMUX[4:0]
Signal selection for AMUX output
AMUX_DIV = 0
AMUX_DIV = 1
17
10001
CAN temperature sensor
1
1
18
10010
VMON_EXT
1
1
19
11011
Reserved
N/A
N/A
20
11100
Reserved
N/A
N/A
21
10101
VCC5CAN
3.25
3.25
> 21
1xxxx
Reserved
N/A
N/A
Table 16. AMUX output selection...continued
It is possible to set the AMUX pin to high-impedance output by disabling the AMUX and the pulldown resistor
using the AMUX_EN and AMUX_PD_DIS bits, respectively, from M_AMUX_CTRL register.
15.4 Electrical characteristics
AMUX electrical characteristics
TA = –40 °C to 115 °C, unless otherwise specified. VSUP = 5.5 V to 40 V, unless otherwise specified. VDDIO = 3 V to 5.5 V, unless
otherwise specified. IAMUX = -1 mA to 1 mA, unless otherwise specified. All voltages referenced to ground.
Symbol
Parameter
Min
Typ
Max
Unit
AMUX
VAMUX_IN
Input voltage range for VSUP, WAKE2, WAKE3, HVIO1
• AMUX_DIV = 0
• AMUX_DIV = 1
4.5
18
-
-
20
40
V
VAMUX_OUT
AMUX output voltage range
0.3
-
VDDIO
– 0.2
V
RPD_AMUX
Output pulldown resistance
200
400
800
kΩ
VAMUX_OFF
Offset voltage
-8
-
8
mV
VAMUX_RATIO
Ratio accuracy
• Ratio 1
• Other ratio
-0.5
-1.5
-
-
0.5
1.5
%
VTEMP25
Temperature sensor voltage at 25 °C
1.36
1.38
1.4
V
VTEMP_COEFF
Temperature sensor coefficient
-3.95
-3.88
-3.8
mV/°C
TAMUX_SET
Settling time
-
-
10
us
CAMUX_OUT
Output capacitor
-
-
1
nF
Table 17. Electrical characteristics
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
42 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com