Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2401AVBA0ES Datasheet(PDF) 74 Page - NXP Semiconductors

Part # MFS2401AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVBA0ES Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button MFS2401AVBA0ES Datasheet HTML 70Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 71Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 72Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 73Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 74Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 75Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 76Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 77Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
TA = -40 °C to 115 °C, unless otherwise specified. VSUP = 5.5 V to 40 V, unless otherwise specified. All voltages referenced to ground.
Symbol
Parameter
Min
Typ
Max
Unit
RSTBILIM
Current limitation
4
-
22
mA
Dynamic electrical characteristics
RSTBTFB
Feedback filtering time
8
10
15
us
RSTBTSC
Short- to high-detection timer
500
650
800
us
RSTBTLG
Long pulse (configurable with RSTB_DUR bit)
9
-
11
ms
RSTBTST
Short pulse (configurable with RSTB_DUR bit)
0.9
-
1.1
ms
RSTBT8S
8 second timer
7
8
9
s
RSTBTFALL
Fall time (pullup to VDDIO = 5 V, 1 nF output capacitor)
-
-
8
us
RSTBTRELEASE
Time to release RSTB from POR or LPOFF
- with all slots used
- with RSTB_DUR = 1 (1 ms)
-
4
6
ms
External components
RSTBRPU
External pullup resistor to VDDIO (nominal)
-
5.1
-
kΩ
RSTBCOUT
External filtering capacitor (optional depending on the EMC
requirements)
-
1
-
nF
Table 46. RSTB electrical characteristics...continued
19.6.2 LIMP0 as a safety output
LIMP0 is an open-drain output that can be used to transition the system in safe state. It is released high by
default. It is asserted low in case of fault and depending on the fault impact configuration. In Low-power modes
(LPON and LPOFF), LIMP0 works as it does in Normal mode.
LIMP0 requires an external pullup resistor to VSUP or VDDIO, a 10 nF filtering capacitor to GND for immunity
when LIMP0 is a local pin, and an additional RC network when LIMP0 is a global pin to be robust against ESD
GUN and ISO 7637 transient pulses. A weak internal pulldown RPD ensures LIMP0 low level in case of pin lift.
An internal pulldown RPD_STUP ensures LIMP0 is released at startup
LIMP0 assertion depends on the device configuration during INIT phase. LIMP0 can also be asserted at MCU
request by SPI, to check the correct HW connection.
aaa-046863
LOGIC
RPD
10 kΩ
5.1 kΩ
10 nF
VSUP/VDDIO
To Fail-safe
circuitry
LIMP0
22 nF
RPD_STUP
Figure 46. LIMP0 pin implementation
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
74 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com