Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2401AVBA0ES Datasheet(PDF) 60 Page - NXP Semiconductors

Part # MFS2401AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVBA0ES Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button MFS2401AVBA0ES Datasheet HTML 56Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 57Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 58Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 59Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 60Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 61Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 62Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 63Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
19 Safety
19.1 Functional description
The FS24 includes multiple safety mechanisms to guarantee the functional safety of the system and reach up
to ASIL B level. Safety features are configurable, either by OTP or by SPI, allowing scalability depending on the
application needs. FS24 also provides an on-demand ABIST to cover latent faults.
aaa-046855
RESET
DRIVER
LIMP0
DRIVER
OTP
ABIST
WATCHDOG
V0MON
V1MON
V3MON
SAFETY FEATURES
RSTB
VMON_EXT
ERRMON
LIMP0
DIGITAL
STATE MACHINE
VOLTAGE
SUPERVISION
SYSTEM FAILURE
MONITORING
Figure 38. Fail-safe features block diagram
19.2 Watchdog
A watchdog is implemented through the SPI bus to continuously check the microcontroller software activity
and its ability to perform basic computing. FS24 checks by awaiting a specific answer from the microcontroller
during a predefined period called the watchdog window. The first half of the watchdog window is said closed
and the second half is said open.
A good watchdog refresh is a good watchdog answer during the open window. A bad watchdog refresh is
a bad watchdog answer during the open window, no watchdog refresh during the open window or a good
watchdog answer during the closed window. After a good or a bad watchdog refresh, a new window period
starts immediately for the microcontroller to keep the synchronization with the windowed watchdog. The first
good watchdog refresh closes the initialization phase of the FS24. Then the watchdog window is running and
the microcontroller must refresh the watchdog in the open window of the watchdog window period.
The watchdog functionality can be enabled or disabled by OTP with WD_INF_OTP bit. The duration of the
watchdog window is configurable from 1 ms to 16384 ms with the WDW_PERIOD[3:0] SPI bits. The new
watchdog window is effective after the next watchdog refresh. The watchdog window can be disabled only
during the initialization phase of the FS24. The watchdog disable is effective when the initialization phase is
closed. The watchdog configuration requires the MCU to write in FS_WDW_CFG registers.
In LPON mode, the watchdog stays enabled or is disabled depending on WD_DIS_LPON bit (configurable
during INIT phase). When enabled in LPON, the watchdog operates in Timeout mode.
The watchdog uses two keys, 0x5AB2 (default value after POR) and 0xD564 to validate the answer. The key is
stored in the WD_TOKEN register, and is changed alternatively after each good WD refresh.
The MCU reads the WD_TOKEN register and writes the correct answer (WD_TOKEN register value) through
the SPI in WD_ANSWER register, in the right timing. The WD error counter is incremented when the answer is
wrong or not given at the right moment, or not given at all at the end of the watchdog period.
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
60 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com