Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2401AVBA0ES Datasheet(PDF) 80 Page - NXP Semiconductors

Part # MFS2401AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVBA0ES Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button MFS2401AVBA0ES Datasheet HTML 76Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 77Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 78Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 79Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 80Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 81Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 82Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 83Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
20.1.2 Electrical characteristics
TA = –40 °C to 115 °C, unless otherwise specified. VSUP = 5.5 V to 40 V, unless otherwise specified. VDDIO = 1.8 V to 5 V, unless
otherwise specified. All voltages referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
Interface I/O input supply
VDDIO
VDDIO supply voltage range
1.8
-
5.5
V
Static electrical characteristics
SPIVIL
CSB, SCLK, MOSI Low-level input voltage
-
-
0.3 x
VDDIO
V
SPIVIH
CSB, SCLK, MOSI High-level input voltage
0.7 x
VDDIO
-
-
V
SPIHYST
CSB, SCLK, MOSI input voltage hysteresis
0.1
-
0.6
V
SCLKPULL-Down
SCLK internal pulldown
90
200
400
kΩ
MISOVOH
MISO High-output voltage (I = 2.0 mA)
VDDIO
- 0.4
-
-
V
MISOVOL
MISO Low-output voltage (I = 2.0 mA)
-
-
0.4
V
IMISO
3-state leakage current (VDDIO = 5 V)
-5.0
-
5.0
µA
SPIPULL-up
CSB, MOSI internal pullup (pullup to VDDIO)
90
200
400
kΩ
Dynamic electrical characteristics
FSPI
SPI operation frequency (50 % DC)
0.5
-
4
MHz
tCLH
Minimum time SCLK = HIGH
125
-
-
ns
tCLL
Minimum time SCLK = LOW
125
-
-
ns
tPCLD
Propagation delay (SCLK to data at 10 % of MISO rising edge),
Cout = 100 pF max
-
-
50
ns
tCSDV
CSB = low to data at MISO active
-
-
100
ns
tSCLCH
SCLK low before CSB low (setup time SCLK to CSB change H/L)
125
-
-
ns
tHCLCL
SCLK change L/H after CSB = low
125
-
-
ns
tSCLD
MOSI input setup time (SCLK change H/L after MOSI data valid)
100
-
-
ns
tHCLD
MOSI input hold time (MOSI data hold after SCLK change H/L)
50
-
-
ns
tSCLCL
SCLK low before CSB high
125
-
-
ns
tHCLCH
SCLK high after CSB high
125
-
-
ns
tPCHD
CSB L/H to MISO at high-impedance
-
-
100
ns
tONCSB
CSB min. high time between two frames
5
-
-
µs
Table 55. SPI electrical characteristics
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
80 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com