Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2401AVBA0ES Datasheet(PDF) 51 Page - NXP Semiconductors

Part # MFS2401AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVBA0ES Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button MFS2401AVBA0ES Datasheet HTML 47Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 48Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 49Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 50Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 51Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 52Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 53Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 54Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
The LDT_SEL bit allows the MCU to read the value of the 24-bits LDT counter in the LDT_WUP_H[7:0] and the
LDT_WUP_L[15:0] bits.
• When LDT_SEL = 0, the MCU reads or writes the wake-up value in the LDT_WUP_H[7:0] and the
LDT_WUP_L[15:0] bits.
• When LDT_SEL = 1, the MCU reads the counter current value.
The LDT_EN bit shall be provided to start the LDT timer operation:
• When LDT_EN = 0, the LDT is disabled.
• When LDT_EN = 1, the LDT starts counting as defined in the M_LDT_CTRL and L_LDT_CFGx registers.
The LDT2LP bit selects which Low-power mode (LPON or LPOFF) it needs to go once the after-run timer is
expired, when timer function 2 or 3 is selected.
• When LDT2LP = 0, the device goes into LPON mode when the after-run timer expires.
• When LDT2LP = 1, the device goes into LPOFF mode when the after-run timer expires.
• When timer function 4 or 5 is selected and the LDT_EN = 1, the LDT does not start any count until the device
enters the corresponding Low-power mode.
17.1 Calibration procedure
The calibration procedure consists of the MCU activating the counter for a specific duration. Once the timer
expires, the MCU reads back the timer final value, compares it with its own accurate time of activation to
calculate a time offset. It is recommended to perform the calibration between -20 °C and +85 °C.
Calibration example:
• Set the Timer mode to short count and select the timer function 1. Set the after-run value at max value
0xFFFF (~8.39 s).
• Start the counter.
• Read the counter when the MCU RTC reaches 6 s.
• If the oscillator period is at the exact typical value (absolutely no deviation error), expected reading is 46875.
• The exact reading calculates the error correction factor ECF = exact_reading / expected_reading
• ECF < 1 if the oscillator is faster than the exact typical value.
• ECF > 1 if the oscillator is slower than the exact typical value.
• After calibration, the new after-run or wake-up values to set the counter are “after run x ECF” and “wake-up x
ECF”.
17.2 Timer functions
LDT_FNCT[2:0]
LDT Function
000
Function 1: In Normal mode, count and generate a flag or an interrupt when the counter
reaches the after-run value.
001
Function 2: In Normal mode, count until the counter reaches the after-run value and enters
Low-power mode.
010
Function 3: In Normal mode, count until the counter reaches the after-run value and enters
Low-power mode. Once in Low-power mode, count until the counter reaches the wake-up
value and wakes up.
011
Function 4: In Low-power mode, count until the counter reaches the wake-up value and
wakes up.
100
Function 5: In Low-power mode, count and do not wake up unless the counter overflow
occurs or if the device wakes up by wake-up input source.
Table 23. LDT functions
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
51 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com