Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2401AVBA0ES Datasheet(PDF) 18 Page - NXP Semiconductors

Part # MFS2401AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVBA0ES Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button MFS2401AVBA0ES Datasheet HTML 14Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 15Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 16Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 17Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 18Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 19Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 20Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 21Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
aaa-046839
VBAT
Vsup > Vsup_UV
Tslot
and
Tslot
Tslot +
RSTBDUR
VBOS
VDIG
Slot 0
(V1)
Slot 1
Slot 2
RSTB
TSOFT_START
Figure 11. Power-up sequence example
7.5 Debug and OTP modes
OTP emulation and programming performed by the customer is allowed during engineering development using
NXP’s latest GUI and socketed evaluation board. The customer is not allowed to perform OTP programming for
production purposes. Only NXP or a recommended third party are allowed to program the device for production
purposes.
The FS24 enters Fail-safe Debug mode when DBG pin voltage VDBG > VDBG_MODE before M4 state. It is
recommended to connect the DBG pin to the VBOS pin through a diode (VDBG = VBOS – Vd ≈ 4.3 V). The
Debug mode disables the watchdog (period configured as infinite), the RSTB 8 s timer and Fail-safe mode entry
via the fault error counter. In Debug mode, CAN transceiver is set to active mode by default. The Debug mode
status is reported by the DBG_MODE bit in M_SYS1_CFG. To exit Debug mode, write 1 in the DBG_EXIT bit in
the M_SYS1_CFG register.
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
18 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com