Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2401AVBA0ES Datasheet(PDF) 38 Page - NXP Semiconductors

Part # MFS2401AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVBA0ES Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button MFS2401AVBA0ES Datasheet HTML 34Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 35Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 36Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 37Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 38Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 39Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 40Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 41Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
Output current (A)
0
0.4
0.3
0.2
0.1
aaa-051570
60
70
50
80
90
Efficiency
(%)
40
2 V
3.3 V
Figure 23. HVBUCK efficiency at 2.25 MHz using VLS3015CX-4R7M-H
Figure 24 is the HVBUCK efficiency measured in PFM, using the TFM252012ALMA4R7MTAA reference
inductor and the VLS3015CX-4R7M-H reference inductor.
Output current (A)
Efficiency
(%)
aaa-051571
10-4
10-1
10-3
10-2
65
75
85
55
3.3 V VLS3015CX-4R7M-H
3.3 V TFM252012ALMA4R7MTAA
Figure 24. HVBUCK PFM efficiency
14.2 V3 HVLDO: High-voltage linear regulator
14.2.1 Functional description
HVLDO3 is a high-voltage, linear-voltage regulator. It is supplied from the battery. The output voltage is
configurable by OTP at 3.3 V or 5 V. A minimum voltage drop of 500 mV is required.
HVLDO3 is low-power capable and can stay enabled in LPON mode by setting V3ON_LPON bit by SPI.
However, if disabled in LPON mode, it cannot be enabled again by SPI in this mode.
This regulator is meant to supply the integrated CAN transceiver. The connection is made externally. HVLDO3
can also supply an additional external transceiver on the module.
An overcurrent detection and a thermal shutdown are implemented on HVLDO3 to protect the internal pass
device. When an overcurrent is detected, V3OC_I flag is generated and the regulator remains enabled. It is
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
38 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com