Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2401AVBA0ES Datasheet(PDF) 57 Page - NXP Semiconductors

Part # MFS2401AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVBA0ES Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button MFS2401AVBA0ES Datasheet HTML 53Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 54Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 55Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 56Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 57Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 58Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 59Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 60Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
aaa-046854
TXD
RXD
VO(dif)
tbit(bus)
tbit(TXD)
5 x tbit(TXD)
tbit(RXD)
td(TXDH-RXDH)
td(TXDL-RXDL)
30 %
30 %
0.9 V
0.5 V
70 %
30 %
70 %
Figure 37. CAN timing definition according to ISO 11898-2:2016
18.1.2 Electrical characteristics
TA = –40 °C to 115 °C, unless otherwise specified. VSUP = 5.5 V to 40 V, unless otherwise specified. VVCC5CAN = 4.5 to 5.5 V, unless
otherwise specified. VDDIO = 1.8 V to 5.5 V, unless otherwise specified. All voltages referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
Static characteristics
CANTXD
VCANTXD_IH
CANTXD input threshold high
0.7 x
VDDIO
-
-
V
VCANTXD_IL
CANTXD input threshold low
-
-
0.3 x
VDDIO
V
RCANTXD_PU
CANTXD pullup resistance
90
200
400
kΩ
CANRXD
VCANRXD_OH
CANRXD output high level, IOUT = -2 mA
VDDIO
– 0.4 V
-
-
V
VCANRXD_OL
CANRXD output low level, IOUT = 2 mA
-
-
0.4
V
CAN Bus
VCAN_DIFF_MAX
CAN maximum rating for VDIFF
-5
-
10
V
VCANH_OUT_DOM
CAN dominant output voltage on pin CANH, Active mode
RL = 50 Ω to 65 Ω
2.75
3.5
4.5
V
VCANL_OUT_DOM
CAN dominant output voltage on pin CANL, Active mode
RL = 50 Ω to 65 Ω
0.5
1.5
2.25
V
VCAN_OUT_SYM
CAN output voltage symmetry (VCANH + VCANL), Active mode
FCANTXD = 1 MHz (2 Mbps), RL = 60 Ω, C1 = 4.7 nF
0.9 x V3
1 x V3
1.1 x V3
V
VCAN_OUT_CM_PK
CAN common mode peak-to-peak voltage, Active mode
-
-
300
mV
Table 25. CAN FD transceiver characteristics
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
57 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com