Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2401AVBA0ES Datasheet(PDF) 48 Page - NXP Semiconductors

Part # MFS2401AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVBA0ES Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button MFS2401AVBA0ES Datasheet HTML 44Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 45Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 46Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 47Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 48Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 49Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 50Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 51Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
16.3.1 Interrupts and wake-up events management
Two types of interruptions must be dissociated:
• "Classic" interrupts used to diagnose the device state and to report events
• Wake-up interrupts used to manage the wake-up from the Low-power modes
See Table 21 for a list of all interrupts.
The classic interrupts are maskable. If these interrupts are not masked, they will generate a pulse on INTB
pin. Out of Normal mode, most of these interrupt flags will not be generated because the monitoring functions
associated will be disabled. In addition, the WKx_I, HVIO1_I flags are not generated out of Normal mode.
WAKEx/HIDx pins, HVIO1 pin, CAN and LDT can be configured as wake-up sources using xxxx_WUEN[1:0]
SPI configuration bits. Each wake-up source can be configured to generate an interrupt, a transition to Normal
mode or both. In this last case, a wake-up event on these functions will generate a non-maskable wake-up flag
(xxxx_WU_I) and an interrupt pulse on INTB.
In LPON mode, if a wake-up event occurs and the wake-up source is enabled, an interrupt is generated and/
or the device transitions to Normal mode. If only the interrupt generation is enabled, it is the MCU decision to
request a transition to Normal mode or not, via GO2NORMAL SPI bit.
In LPOFF mode, if a wake-up event occurs and the wake-up source is enabled, the device transitions to Normal
mode.
16.3.2 Electrical characteristics
TA = −40 °C to 115 °C, unless otherwise specified. VSUP = 5.5 V to 40 V, unless otherwise specified. All voltages referenced to ground.
Symbol
Parameter
Min
Typ
Max
Unit
Interrupt pin
INTBPULL-up
Comment by:
nxf75746 / Status:
Cap PULL-UP next
time. Raphael approved
that (or PULLUP to
match next col) -Judy
Internal pullup resistor to VDDIO
5
10
20
kΩ
INTBVOL
Low-output level (IOUT = 2 mA)
-
-
0.4
V
INTBVOH
High-output level
VDDIO – 0.5
-
-
V
INTBILIM
INTB current limitation
4
-
22
mA
TINTB_PULSE
Pulse duration (without output capacitor)
• INTB_DUR = 0 (short)
• INTB_DUR = 1 (long)
17.5
70
25
100
32.5
130
μs
TINTB_TO
INTB timeout for wake-up event
8
10
12
ms
TINTB_DLY
Delay between INTB_REQ command reception
and INTB pulse start
36
40
44
μs
Table 20. INTB electrical characteristics
Interrupt
Description
Mask/Enable
Event interrupt
VSUPUV_4P7_I
VSUP 4.7 V threshold undervoltage
VSUPUV_4P7_M
Table 21. List of interrupts from main logic
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
48 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com