Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2401AVBA0ES Datasheet(PDF) 119 Page - NXP Semiconductors

Part # MFS2401AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVBA0ES Datasheet(HTML) 119 Page - NXP Semiconductors

Back Button MFS2401AVBA0ES Datasheet HTML 115Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 116Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 117Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 118Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 119Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 120Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 121Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 122Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 123Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
Bit
Symbol
Description
Disable the RSTB low 8 s timer
0 RSTB low 8 s timer is enabled
1 RSTB low 8 s time is disabled
13
RSTB8S_DIS
OTP Fuse load
Disable the external RSTB monitoring (except RSTB 8 s time out)
0 External RSTB monitoring is enabled
1 External RSTB monitoring is disabled
14
EXT_RSTB_DIS
POR
Enable the RSTB request by the MCU
0 RSTB_REQ disabled
1 RSTB_REQ enabled
15
RSTB_REQ_EN
POR
Table 129. FS_I_FSSM_CFG register bit description...continued
23.5 FS_I_WD_CFG
Bit
15
14
13
12
11
10
9
8
Write
0
WD_RSTB_
IMPACT
0
WD_LIMP0_
IMPACT
WD_DIS_
LPON
WD_RFR_LIMIT
WD_ERR_
LIMIT
Read
0
WD_RSTB_
IMPACT
0
WD_LIMP0_
IMPACT
WD_DIS_
LPON
WD_RFR_LIMIT
WD_ERR_
LIMIT
Reset
0
1
0
1
0
0
0
0
Bit
7
6
5
4
3
2
1
0
Write
WD_ERR_LIMIT
0
0
Read
WD_ERR_LIMIT
WD_RFR_CNT
WD_ERR_CNT
Reset
1
0
0
0
0
0
0
0
Table 130. FS_I_WD_CFG register bit allocation
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
119 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com