Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2401AVBA0ES Datasheet(PDF) 136 Page - NXP Semiconductors

Part # MFS2401AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVBA0ES Datasheet(HTML) 136 Page - NXP Semiconductors

Back Button MFS2401AVBA0ES Datasheet HTML 132Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 133Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 134Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 135Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 136Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 137Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 138Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 139Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 140Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
Address
Register name
Bit group name
Description
Hexadecimal
value
Settings
0x04
V3MON OV = 104.5 %
0x05
V3MON OV = 105 %
0x06
V3MON OV = 105.5 %
0x07
V3MON OV = 106 %
0x08
V3MON OV = 106.5 %
0x09
V3MON OV = 107 %
0x0A
V3MON OV = 107.5 %
0x0B
V3MON OV = 108 %
0x0C
V3MON OV = 108.5 %
0x0D
V3MON OV = 109 %
0x0E
V3MON OV = 109.5 %
0x0F
V3MON OV = 110 %
0x00
Default
0x00
V0MON UV = 65 %
0x01
V0MON UV = 64.5 %
0x02
V0MON UV = 96.5 %
0x03
V0MON UV = 96 %
0x04
V0MON UV = 95.5 %
0x05
V0MON UV = 95 %
0x06
V0MON UV = 94.5 %
0x07
V0MON UV = 94 %
0x08
V0MON UV = 93.5 %
0x09
V0MON UV = 93 %
0x0A
V0MON UV = 92.5 %
0x0B
V0MON UV = 92 %
0x0C
V0MON UV = 91.5 %
0x0D
V0MON UV = 64 %
0x0E
V0MON UV = 63.5 %
V0MON_UVTH_OTP Select V0MON UV threshold
0x0F
V0MON UV = 62 %
0x00
Default
0x00
V0MON = 102.5 %
0x01
V0MON = 103 %
0x02
V0MON = 103.5 %
0x03
V0MON = 104 %
0x04
V0MON = 104.5 %
0x05
V0MON = 105 %
0x06
V0MON = 105.5 %
0x07
V0MON = 106 %
0x08
V0MON = 106.5 %
0x09
V0MON = 107 %
0x0A
V0MON = 107.5 %
0x0B
V0MON = 108 %
0x0C
V0MON = 108.5 %
0x2D
OTP_OVUV_
CFG3
V0MON_OVTH_OTP Select V0MON threshold
0x0D
V0MON = 109 %
Table 151. Fail-safe OTP bits description...continued
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
136 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com